Electronic Components Datasheet Search
  English  ▼

X  

BF620 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BF620
Description  NPN high-voltage transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BF620 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BF620 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BF620 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BF620 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BF620 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BF620 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BF620 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BF620 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BF620 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BF620 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2004 Dec 14
7
NXP Semiconductors
Product data sheet
NPN high-voltage transistors
BF620; BF622
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
IE = 0 A; VCB = 200 V
−
10
nA
IE = 0 A; VCB = 200 V; Tj = 150 °C
−
10
µA
IEBO
emitter-base cut-off current
IC = 0 A; VEB = 5 V
−
50
nA
hFE
DC current gain
IC = 25 mA; VCE = 20 V
50
−
VCEsat
collector-emitter saturation voltage
IC = 30 mA; IB = 5 mA
−
600
mV
Cre
feedback capacitance
IC = ic = 0 A; VCE = 30 V; f = 1 MHz
−
1.6
pF
fT
transition frequency
IC = −10 mA; VCE = 10 V; f = 100 MHz
60
−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com