Electronic Components Datasheet Search
  English  ▼

X  

BF723 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BF723
Description  PNP high-voltage transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BF723 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BF723 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BF723 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BF723 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BF723 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BF723 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BF723 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BF723 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Apr 21
2
NXP Semiconductors
Product data sheet
PNP high-voltage transistor
BF723
FEATURES
• Low feedback capacitance.
APPLICATIONS
• Class-B video output stages of colour television
receivers
• General purpose high voltage circuits.
DESCRIPTION
PNP transistor in a SOT223 plastic package.
NPN complement: BF722.
PINNING
PIN
DESCRIPTION
1
base
2, 4
collector
3
emitter
Fig.1
Simplified outline (SOT223) and symbol.
handbook, halfpage
4
12
3
MAM288
Top view
3
2, 4
1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1.
Device mounted on printed-circuit board, single sided copper, tinplated, mounting pad for collector 1 cm2.
For other mounting conditions, see “Thermal considerations for SOT223 in the General Part of associated
Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
−250
V
VCEO
collector-emitter voltage
open base
−
−250
V
VEBO
emitter-base voltage
open collector
−
−5
V
IC
collector current (DC)
−
−100
mA
ICM
peak collector current
−
−200
mA
IBM
peak base current
−
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
1.2
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com