Electronic Components Datasheet Search
  English  ▼

X  

BFS20W Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BFS20W
Description  NPN medium frequency transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BFS20W Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BFS20W Datasheet HTML 1Page - Nexperia B.V. All rights reserved BFS20W Datasheet HTML 2Page - Nexperia B.V. All rights reserved BFS20W Datasheet HTML 3Page - Nexperia B.V. All rights reserved BFS20W Datasheet HTML 4Page - Nexperia B.V. All rights reserved BFS20W Datasheet HTML 5Page - Nexperia B.V. All rights reserved BFS20W Datasheet HTML 6Page - Nexperia B.V. All rights reserved BFS20W Datasheet HTML 7Page - Nexperia B.V. All rights reserved BFS20W Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 21
2
NXP Semiconductors
Product data sheet
NPN medium frequency transistor
BFS20W
FEATURES
• Low current (max. 25 mA)
• Low voltage (max. 20 V).
• Very low feedback capacitance (typ. 350 fF).
APPLICATIONS
• IF and VHF applications in thick and thin-film circuits.
DESCRIPTION
NPN medium frequency transistor in a SOT323 (SC-70)
plastic package.
MARKING
Note
1.
∗ = -: Made in Hong Kong.
∗ = t: Made in Malaysia.
PINNING
TYPE NUMBER
MARKING CODE(1)
BFS20W
N1
∗
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1
Simplified outline (SOT323; SC-70) and
symbol.
handbook, halfpage
2
3
1
MAM062
3
2
1
Top view
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1.
Refer to SOT323 (SC-70) standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
30
V
VCEO
collector-emitter voltage
open base
−
20
V
VEBO
emitter-base voltage
open collector
−
4
V
IC
collector current (DC)
−
25
mA
ICM
peak collector current
−
25
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com