Electronic Components Datasheet Search
  English  ▼

X  

BSP60 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BSP60
Description  PNP Darlington transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP60 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BSP60 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP60 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP60 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP60 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP60 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP60 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP60 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP60 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP60 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
BSP60
PNP Darlington transistor
10. Characteristics
Table 7. Characteristics
Tj = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)CBO
collector-base
breakdown voltage
IC = -100 µA; IE = 0 A
-60
-
-
V
V(BR)CES
collector-emitter
breakdown voltage
IC = -2 mA; VBE = 0 V
-45
-
-
V
V(BR)EBO
emitter-base
breakdown voltage
IC = 0 A; IE = -100 µA
-5
-
-
V
ICES
collector-emitter cut-off
current
VBE = 0 V; VCE = -45 V
-
-
-50
nA
IEBO
emitter-base cut-off
current
VEB = -4 V; IC = 0 A
-
-
-50
nA
VCE = -10 V; IC = -150 mA
[1]
1000
-
-
hFE
DC current gain
VCE = -10 V; IC = -500 mA
[1]
2000
-
-
IC = -500 mA; IB = -0.5 mA
-
-
-1.3
V
VCEsat
collector-emitter
saturation voltage
IC = -500 mA; IB = -0.5 mA; Tj = 150 °C
-
-
-1.3
V
VBEsat
base-emitter saturation
voltage
IC = -500 mA; IB = -0.5 mA
-
-
-1.9
V
ton
turn-on time
-
400
-
ns
toff
turn-off time
IC = -500 mA; IBon = -0.5 mA;
IBoff = 0.5 mA
-
1500
-
ns
fT
transition frequency
VCE = -5 V; IC = -500 mA; f = 100 MHz
-
200
-
MHz
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
mgd839
0
6000
2000
1000
3000
4000
5000
- 10- 1
- 1
- 10
- 102
- 103
hFE
IC (mA)
VCE = -10 V
Fig. 1. DC current gain; typical values
BSP60
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
2 May 2018
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com