Electronic Components Datasheet Search
  English  ▼

X  

BST60 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BST60
Description  PNP Darlington transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BST60 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BST60 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BST60 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BST60 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BST60 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BST60 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BST60 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BST60 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BST60 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BST60 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2004 Dec 09
4
NXP Semiconductors
Product data sheet
PNP Darlington transistors
BST60; BST61; BST62
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICES
collector-emitter cut-off current
BST60
VBE = 0 V; VCE = −45 V
−
−
−50
nA
BST61
VBE = 0 V; VCE = −60 V
−
−
−50
nA
BST62
VBE = 0 V; VCE = −80 V
−
−
−50
nA
IEBO
emitter-base cut-off current
IC = 0 A; VEB = −4 V
−
−
−50
nA
hFE
DC current gain
VCE = −10 V; note 1; see Fig.2
IC = −150 mA
1000
−
−
IC = −500 mA
2000
−
−
VCEsat
collector-emitter saturation
voltage
IC = −500 mA; IB = −0.5 mA
−
−
−1.3
V
IC = −500 mA; IB = −0.5 mA;
Tj = 150 °C
−
−
−1.3
V
VBEsat
base-emitter saturation voltage
IC = −500 mA; IB = −0.5 mA
−
−
−1.9
V
fT
transition frequency
IC = −500 mA; VCE = −5 V;
f = 100 MHz
−
200
−
MHz
Switching times (between 10% and 90% levels); (see Fig.3)
ton
turn-on time
ICon = −500 mA; IBon = −0.5 mA;
IBoff = 0.5 mA
−
500
−
ns
toff
turn-off time
−
700
−
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com