Electronic Components Datasheet Search
  English  ▼

X  

BST62 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BST62
Description  PNP Darlington transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BST62 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BST62 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BST62 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BST62 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BST62 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BST62 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BST62 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BST62 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BST62 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BST62 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2004 Dec 09
3
NXP Semiconductors
Product data sheet
PNP Darlington transistors
BST60; BST61; BST62
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on a printed-circuit board, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
For other mounting conditions, see “Thermal considerations for SOT89 in the General Part of associated Handbook”.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
For other mounting conditions, see “Thermal considerations for SOT89 in the General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BST60
−
−60
V
BST61
−
−80
V
BST62
−
−90
V
VCES
collector-emitter voltage
VBE = 0 V
BST60
−
−45
V
BST61
−
−60
V
BST62
−
−80
V
VEBO
emitter-base voltage
open collector
−
−5
V
IC
collector current (DC)
−
−1
A
ICM
peak collector current
−
−2
A
IB
base current (DC)
−
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
1.3
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
96
K/W
Rth(j-s)
thermal resistance from junction to soldering point
16
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com