Electronic Components Datasheet Search
  English  ▼

X  

NCR421PAS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # NCR421PAS
Description  150 mA LED driver in DFN2020D-6
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NCR421PAS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  NCR421PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved NCR421PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Nexperia
NCR420PAS / NCR421PAS
150 mA LED driver in DFN2020D-6
2. Quick reference data
Table 2. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
enable voltage
NCR420PAS
-
-
40
V
VEN
NCR421PAS
-
-
4.5
V
Vout
output voltage
-
-
40
V
stabilized output current
NCR420PAS
Vout = 1.4 V;
VEN = 24 V
[1] 9
10
11
mA
Iout
NCR421PAS
Vout = 1.4 V;
VEN = 3.3 V
[1] 9
10
11
mA
[1] Pulse test: tp ≤ 300 µs; δ ≤ 0.02
3. Pinning information
Table 3. Pinning
Pin
Symbol
Description
Simplified outline
Symbol
1
VEN
enable voltage
2
REXT
external resistor
3
N/C
not connected
4
N/C
not connected
5
GND
ground
6
IOUT
output current
7
IOUT
output current
8
N/C
not connected
Transparent top view
7
8
6
5
4
1
2
3
DFN2020D-6
(SOT1118D)
aaa-031469
IOUT
GND
N/C
N/C
REXT
VEN
4. Ordering information
Table 4. Ordering information
Package
Type
number
Name
Description
Version
NCR420PAS
NCR421PAS
DFN2020D-6
plastic, thermally enhanced ultra thin and small
outline package; no leads; 6 terminals; body 2 x 2 x
0.65 mm
SOT1118D
5. Marking
Table 5. Marking codes
Type number
Marking code
NCR420PAS
8C
NCR421PAS
8D
NCR420PAS_NCR421PAS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 1 — 13 May 2020
2 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com