Electronic Components Datasheet Search
  English  ▼

X  

VT16501ADGG Datasheet(PDF) 9 Page - NXP Semiconductors

Part # VT16501ADGG
Description  3.3V LVT 18-bit universal bus transceiver 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16501ADGG Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button VT16501ADGG Datasheet HTML 5Page - NXP Semiconductors VT16501ADGG Datasheet HTML 6Page - NXP Semiconductors VT16501ADGG Datasheet HTML 7Page - NXP Semiconductors VT16501ADGG Datasheet HTML 8Page - NXP Semiconductors VT16501ADGG Datasheet HTML 9Page - NXP Semiconductors VT16501ADGG Datasheet HTML 10Page - NXP Semiconductors VT16501ADGG Datasheet HTML 11Page - NXP Semiconductors VT16501ADGG Datasheet HTML 12Page - NXP Semiconductors VT16501ADGG Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74LVT16501A
3.3V 18-bit universal bus transceiver (3-State)
1998 Feb 19
9
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
tPHL
tPLH
VM
VOH
tW(L)
1/fMAX
CPBA or
CPAB
An or Bn
tW(H)
SW00028
VM
VM
VM
VOL
2.7V
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VOL
tPLH
VOH
2.7V
0V
An or Bn
An or Bn
VM
VM
tPHL
VM
VM
SW00029
Waveform 2. Propagation Delay, Transparent Mode
tPLH
tPHL
tW(H)
VM
VM
VM
VM
VM
LEAB or
LEBA
An or Bn
2.7V
0V
VOH
VOL
SW00030
Waveform 3. Propagation Delay, Enable to Output, and Enable
Pulse Width
VM
VM
VM
VM
VM
VM
2.7V
0V
An
or
Bn
CPAB or CPBA,
LEAB or LEBA
tS(H)
th(H)
tS(L)
th(L)
2.7V
0V
SW00031
Waveform 4. Data Setup and Hold Times
OEBA
OEAB
An or Bn
tPZH
tPHZ
2.7V
VOH
VOH –0.3V
VM
VM
VM
SW00032
0V
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VOL
OEBA
OEAB
tPZL
tPLZ
2.7V
0V
An or Bn
VOL +0.3V
3V
VM
VM
VM
SW00033
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com