Electronic Components Datasheet Search
  English  ▼

X  

AK3A Datasheet(PDF) 3 Page - Abracon Corporation

Part # AK3A
Description  Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AK3A Datasheet(HTML) 3 Page - Abracon Corporation

  AK3A Datasheet HTML 1Page - Abracon Corporation AK3A Datasheet HTML 2Page - Abracon Corporation AK3A Datasheet HTML 3Page - Abracon Corporation AK3A Datasheet HTML 4Page - Abracon Corporation AK3A Datasheet HTML 5Page - Abracon Corporation AK3A Datasheet HTML 6Page - Abracon Corporation AK3A Datasheet HTML 7Page - Abracon Corporation AK3A Datasheet HTML 8Page - Abracon Corporation AK3A Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 09-27-22
For terms and conditions of sales, please visit:
www.abracon.com
Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
AK3A
3.2 x 2.5 x 1.0 mm
RoHS/RoHS II Compliant
MSL Level = N/A
Request Samples
Check Inventory
Note 10: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. The data sheet limits are not guaranteed if the device is operated beyond the
recommended operating conditions.
Parameters
Min.
Typ.
Max.
Unit
Notes
Supply Voltage
Vss-0.5
5
V
Input Voltage
Vdd-0.5
VDD+0.5
V
Output Voltage
Vdd-0.5
VDD+0.5
V
Maximum Junction Operating Temperature
150
ºC
Ambient Operating Temperature Range
-40
85
ºC
Industrial
Ambient Operating Temperature Range
-20
70
ºC
Extended Commercial
Reflow Temperature
260
°C
See Reflow Profile
ESD Protection
4kV HBM, 300V MM, 2kV CDM
Absolute Maximum Ratings [Note 10]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com