Electronic Components Datasheet Search
  English  ▼

X  

843021 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 843021
Description  FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

843021 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 843021 Datasheet HTML 8Page - Renesas Technology Corp 843021 Datasheet HTML 9Page - Renesas Technology Corp 843021 Datasheet HTML 10Page - Renesas Technology Corp 843021 Datasheet HTML 11Page - Renesas Technology Corp 843021 Datasheet HTML 12Page - Renesas Technology Corp 843021 Datasheet HTML 13Page - Renesas Technology Corp 843021 Datasheet HTML 14Page - Renesas Technology Corp 843021 Datasheet HTML 15Page - Renesas Technology Corp 843021 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
FEMTOCLOCK® CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
14
Rev D 9/25/15
843021 DATA SHEET
Revision History Sheet
Rev
Table
Page
Description of Change
Date
B
T5
T6
1
3
4
Added Function Table.
Features section - updated Crystal, Output Frequency & VCO range bullets.
Crystal Characteristics Table - changed Frequency from 25MHz typical to 14MHz min.
and 40MHz max. Added Note 1.
AC Characteristics Table - changed Output Frequency from 125MHz typical to 112MHz
min. and 140MHz max.
10/6/04
B
T11
12
Ordering Information Table - corrected count from 154 per tube to 100
10/15/04
C
T4A
3
Power Supply Table - increased VCC to 3.3V ± 10% from 5% and is reflected throughout
the datasheet.
11/3/04
C
T8
T9
T11
3
9
11
12
Absolute Maximum Ratings - corrected Package Thermal Impedance air flow.
Thermal Resistance Table - corrected air flow.
Corrected air flow in table.
Ordering Information Table - corrected marking.
11/30/04
C
T11
1
12
Features Section - added Lead-Free bullet.
Ordering Information Table - added Lead-Free part number.
3/31/05
D
T6
1
4
7
7
Features section - changed RMS phase jitter spec.
AC Characteristics Table - added maximum RMS Phase Jitter spec of 0.65ps.
Added LVCMOS to XTAL Interface section.
Added Termination for 3.3V LVPECL Output section.
Updated datasheet to new format.
11/21/07
D
T4B
T6
T11
3
3
6
7
13
LVPECL DC Characteristics Table - corrected VOH/VOL parameters from “Current” to
“Voltage” and units from “uA” to “V”.
AC Characteristics Table - added thermal note.
Updated text in “Power Supply Filtering Techniques”.
Updated “Overdriving the Crystal Interface” section.
Ordering Information Table - deleted “ICS” prefix for part/order column.
Updated header/footer.
10/12/10
D
T11
13
Ordering Information - removed leaded devices.
Updated data sheet format.
9/25/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com