Electronic Components Datasheet Search
  English  ▼

X  

843441 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 843441
Description  FemtoClock® SAS/SATA Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

843441 Datasheet(HTML) 2 Page - Renesas Technology Corp

  843441 Datasheet HTML 1Page - Renesas Technology Corp 843441 Datasheet HTML 2Page - Renesas Technology Corp 843441 Datasheet HTML 3Page - Renesas Technology Corp 843441 Datasheet HTML 4Page - Renesas Technology Corp 843441 Datasheet HTML 5Page - Renesas Technology Corp 843441 Datasheet HTML 6Page - Renesas Technology Corp 843441 Datasheet HTML 7Page - Renesas Technology Corp 843441 Datasheet HTML 8Page - Renesas Technology Corp 843441 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
©2016 Integrated Device Technology, Inc
June 30, 2016
843441 Data Sheet
Table 1A. Pin Descriptions (SOIC Package)
NOTE: Pullup/Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 1B. Pin Descriptions (TSSOP Package)
NOTE: Pullup/Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1,
2
XTAL_OUT,
XTAL_IN
Input
Pullup
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
3,
4
SSC_SEL0,
SSC_SEL1
Input
Pulldown
SSC select pins. See Table 3A. LVCMOS/LVTTL interface levels.
5VCC
Power
Power supply pin.
6, 7
Q, nQ
Output
Differential clock outputs. LVPECL interface levels.
8VEE
Power
Negative supply pin.
Number
Name
Type
Description
1, 15
VEE
Power
Negative supply pins.
2,
3
XTAL_OUT,
XTAL_IN
Input
Pullup
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
4,
8
SSC_SEL0,
SSC_SEL1
Input
Pulldown
SSC select pins. See Table 3A. LVCMOS/LVTTL interface levels.
5, 6, 7
nc
Unused
No connect pins.
9, 11
VCC
Power
Power supply pins.
10
F_SEL0
Input
Pulldown
Output frequency select pin. See Table 3B. LVCMOS/LVTTL interface levels.
12, 13
Q, nQ
Output
Differential clock outputs. LVPECL interface levels.
14
nPLL_SEL
Input
Pulldown
PLL Bypass pin. LVCMOS/LVTTL interface levels.
16
F_SEL1
Input
Pullup
Output frequency select pin. See Table 3B. LVCMOS/LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com