Electronic Components Datasheet Search
  English  ▼

X  

PCF2119X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2119X
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119X Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2119X Datasheet HTML 1Page - NXP Semiconductors PCF2119X Datasheet HTML 2Page - NXP Semiconductors PCF2119X Datasheet HTML 3Page - NXP Semiconductors PCF2119X Datasheet HTML 4Page - NXP Semiconductors PCF2119X Datasheet HTML 5Page - NXP Semiconductors PCF2119X Datasheet HTML 6Page - NXP Semiconductors PCF2119X Datasheet HTML 7Page - NXP Semiconductors PCF2119X Datasheet HTML 8Page - NXP Semiconductors PCF2119X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
2003 Jan 30
2
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
CONTENTS
1
FEATURES
1.1
Note
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PAD INFORMATION
6.1
Pad functions
7
FUNCTIONAL DESCRIPTION
7.1
LCD supply voltage generator
7.2
Programming ranges
7.3
LCD bias voltage generator
7.4
Oscillator
7.5
External clock
7.6
Power-on reset
7.7
Power-down mode
7.8
Registers
7.9
Busy flag
7.10
Address Counter (AC)
7.11
Display Data RAM (DDRAM)
7.12
Character Generator ROM (CGROM)
7.13
Character Generator RAM (CGRAM)
7.14
Cursor control circuit
7.15
Timing generator
7.16
LCD row and column drivers
7.17
Reset function
8
INSTRUCTIONS
8.1
Clear display
8.2
Return home
8.3
Entry mode set
8.4
Display control (and partial power-down mode)
8.5
Cursor or display shift
8.6
Function set
8.7
Set CGRAM address
8.8
Set DDRAM address
8.9
Read busy flag and read address
8.10
Write data to CGRAM or DDRAM
8.11
Read data from CGRAM or DDRAM
9
EXTENDED FUNCTION SET
INSTRUCTIONS AND FEATURES
9.1
New instructions
9.2
Icon control
9.3
IM
9.4
IB
9.5
Normal/icon mode operation
9.6
Direct mode
9.7
Voltage multiplier control
9.8
Screen configuration
9.9
Display configuration
9.10
TC1 and TC2
9.11
Set VLCD
9.12
Reducing current consumption
10
INTERFACES TO MPU
10.1
Parallel interface
10.2
I2C-bus interface
11
LIMITING VALUES
12
HANDLING
13
DC CHARACTERISTICS
14
AC CHARACTERISTICS
15
TIMING CHARACTERISTICS
16
APPLICATION INFORMATION
16.1
General information
16.2
Charge pump characteristics
16.3
8-bit operation, 1-line display using external
reset
16.4
4-bit operation, 1-line display using external
reset
16.5
8-bit operation, 2-line display
16.6
I2C-bus operation, 1-line display
17
DEVICE PROTECTION DIAGRAMS
18
BONDING PAD LOCATIONS
19
DATA SHEET STATUS
20
DEFINITIONS
21
DISCLAIMERS
22
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com