Electronic Components Datasheet Search
  English  ▼

X  

SP2-DC5V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # SP2-DC5V
Description  15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SP2-DC5V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  SP2-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) SP2-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) SP2-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) SP2-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) SP2-DC5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) SP2-DC5V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SP
253
TYPES AND COIL DATA (at 20
°C 68°F)
Single side stable
2-coil latching
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current, mA
Coil resis-
tance,
Ω
(
±10%) 20°C
Inductance,
H
(at 120 Hz)
Nominal
operating
power, mW
Maximum
allowable
voltage,
V DC (40
°C)
2 Form C
4 Form C
SP2-DC3V
SP4-DC3V
3
2.1
0.3
100.0
30
Approx. 0.05
300
4.5
SP2-DC5V
SP4-DC5V
5
3.5
0.5
60.2
83
0.1
300
7.5
SP2-DC6V
SP4-DC6V
6
4.2
0.6
50.0
120
0.2
300
9
SP2-DC12V
SP4-DC12V
12
8.4
1.2
25.0
480
0.7
300
18
SP2-DC24V
SP4-DC24V
24
16.8
2.4
12.5
1,920
3.0
300
36
SP2-DC48V
SP4-DC48V
48
33.6
4.8
6.2
7,700
11.2
300
72
Part No.
Nominal
voltage,
V DC
Set and
reset
voltage,
V DC (max.)
Nominal
operating
current,
mA
Coil resistance,
Ω (±10%)
Inductance,
H (at 120 Hz)
Nominal
operating
power, mW
Maximum
allowable
voltage,
V DC (40
°C)
2 Form C
4 Form C
Coil I
Coil II
Coil I
Coil II
SP2-L2-DC3V SP4-L2-DC3V
3
2.1
100.0
30
30
Approx.
0.03 Approx. 0.03
300
4.5
SP2-L2-DC5V SP4-L2-DC5V
5
3.5
60.2
83
83
0.07
0.07
300
7.5
SP2-L2-DC6V SP4-L2-DC6V
6
4.2
50.0
120
120
0.1
0.1
300
9
SP2-L2-DC12V SP4-L2-DC12V
12
8.4
25.0
480
480
0.4
0.4
300
18
SP2-L2-DC24V SP4-L2-DC24V
24
16.8
12.5
1,920
1,920
1.4
1.4
300
36
SP2-L2-DC48V SP4-L2-DC48V
48
33.6
6.2
7,680
7,680
5.6
5.6
300
72
DIMENSIONS
mm inch
2 Form C
Plug-in terminal
General tolerance:
±0.3 ±.012
50
1.969
1
.039
25.6
1.008
20.5
.807
7.15
.281
1.5
.059
10
.394
10.16
.400
4.75
.187
10.16
.400
10.16
.400
10.16
.400
15.24
.600
0.5
.020
FASTON #187
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
Diagram shows the "reset" position when terminals 3 and 4 are
energized. Energize terminals 1 and 2 to transfer contacts.
1
289
10
567
1
SET
RST
2
3
4
89
10
567
4 Form C
Plug-in terminal
General tolerance:
±0.3 ±.012
50
1.969
1
.039
36.8
1.449
20.5
.807
7.15
.281
1.5
.059
10
.394
10.16
.400
4.75
.187
10.16
.400
10.16
.400
10.16
.400
15.24
.600
0.5
.020
7.62
.300
7.62
.300
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
Diagram shows the "reset" position when terminals 3 and 4 are
energized. Energize terminals 1 and 2 to transfer contacts.
1
289
10
14
15
16
567
11
12
13
1
SET
RST
2
3
4
89
10
14
15
16
567
11
12
13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com