Electronic Components Datasheet Search
  English  ▼

X  

PD69100 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PD69100
Description  PoE Controller Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69100 Datasheet(HTML) 3 Page - Microsemi Corporation

  PD69100 Datasheet HTML 1Page - Microsemi Corporation PD69100 Datasheet HTML 2Page - Microsemi Corporation PD69100 Datasheet HTML 3Page - Microsemi Corporation PD69100 Datasheet HTML 4Page - Microsemi Corporation PD69100 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PD69100
DATASHEET
Copyright © 2010
Microsemi
Rev. 1.1, Dec. 2010
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
3
PoE Controller Unit
TM
®
M A I N F E AT U RE S D ESC R IP TIO N
Function
Description
Supports up to eight PoE
devices – 96 ports
Up to 12 PoE devices can be cascaded, fitting into a 96 port PoE system that
utilizes one PoE controller (PD69100)
Power Management
The system supports three power management modes: Class (LLDP) mode,
Dynamic mode and Static mode. For more details see technical note 113, catalogue
number 06-0002-081.
Threshold Configuration
Configure overvoltage and under-voltage thresholds for disconnection purposes.
High power ports, 2 pairs
or 4 pairs
PoE devices can be configured (both hardware and software) to enable higher
current through ports (up to ~720mA) or double power RJ in case of 4 pairs.
Communication
Supports both I
2C and UART interfaces with Host CPU.
Legacy (capacitor)
Detection
Enables detection and powering of pre-standard devices (PDs).
LED Stream
Direct SPI interface to an external LED stream circuitry. Enables designers to
implement a simple LED circuit that does not require a software code.
System OK Indication
Digital output pin to Host, indicating voltage and temperature range are valid.
System and Port
Measurements
Measurements of the following parameters: Current (mA), Power Consumption (W),
Vmain (V), Port Voltage (V), PD Class (0-4).
Detailed Port Status
Port statuses are received from PoE managers. Statuses such as ‘port on’ and ‘port
off due to disconnection or due to overload’
Interrupt Pin
Interrupt out from PoE controller indicating events such as: port on, port off, port
fault, PoE device fault, voltage out of range, and more. For a full list of interrupt
events refer to Serial Communication Protocol, catalogue number 06-0032-056.
Port Power Limit
Configurable port power limit; when a port exceeds the limit, it is automatically
disconnected
Port Matrix Control
Enables layout designers to connect all physical ports to logical ports whenever
required.
‘Power Good’ Interrupt
from Power Supply
Directly to POE Drivers.
For systems comprising more than a single power supply, in case one power supply
fails, a fast port disconnection mechanism is executed to maintain operation and
prevent collapse of other power supplies.
I 2 C ADDR E S S S E L E CT I O N
I
2C interface between Host CPU and a specific PD69000 requires setting the device address; this is done by
applying a specific voltage level to pin #25 (I2C_ADDR) as shown below:
I 2 C _ AD DR
V O L TA G E L EV EL
I 2 C A DD RE S S
( H E X AD E CI M AL )
0.00 to 0.21VDC
UART
0.21 to 0.41VDC
0x4
0.41 to 0.62VDC
0x8
0.62 to 0.83VDC
0xC
0.83 to 1.03VDC
0x10
1.03 to 1.24VDC
0x14
1.24 to 1.44VDC
0x18
1.44 to 1.65VDC
0x1C
1.65 to 1.86VDC
0x20
1.86 to 2.06VDC
0x24
2.06 to 2.27VDC
0x28
2.27 to 2.48VDC
0x2C
2.48 to 2.68VDC
0x30
2.68 to 2.89VDC
0x34
2.89 to 3.09VDC
0x38
3.09 to 3.30VDC
0x3C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com