Electronic Components Datasheet Search
  English  ▼

X  

5KP11 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 5KP11
Description  5000 W TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

5KP11 Datasheet(HTML) 2 Page - Microsemi Corporation

  5KP11 Datasheet HTML 1Page - Microsemi Corporation 5KP11 Datasheet HTML 2Page - Microsemi Corporation 5KP11 Datasheet HTML 3Page - Microsemi Corporation 5KP11 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5000 W TRANSIENT VOLTAGE
SUPPRESSOR
SCOTTSD A L E DIVISION
5KP5.0 thru 5KP110A
ELECTRICAL CHARACTERISTICS
MICROSEMI
PART
NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
(Note 1)
VOLTS
BREAKDOWN
VOLTAGE
V(BR)
V(BR)
@
I(BR)
VOLTS
mA
MAXIMUM
CLAMPING
VOLTAGE
VC
@ IPP
VOLTS
MAXIMUM
STANDBY
CURRENT
ID
@ VWM
µA
MAXIMUM
PEAK PULSE
CURRENT
IPP (FIG. 3)
A
MAXIMUM
TEMPERATURE
COEFFICIENT
VARIATION OF
V(BR)
αV(BR)
mV/ ºC
5KP5.0
5KP5.0A
5KP6.0
5KP6.0A
5.0
5.0
6.0
6.0
6.40 – 7.30
6.40 – 7.00
6.67 – 8.15
6.67 – 7.37
50
50
50
50
9.6
9.2
11.4
10.3
2000
2000
5000
5000
520
543
439
485
4.0
4.0
4.0
4.0
5KP6.5
5KP6.5A
5KP7.0
5KP7.0A
6.5
6.5
7.0
7.0
7.22 – 8.82
7.22 – 7.98
7.78 – 9.51
7.78 – 8.60
50
50
50
50
12.3
11.2
13.3
12.0
2000
2000
1000
1000
407
447
378
417
4.0
4.0
5.0
5.0
5KP7.5
5KP7.5A
5KP8.0
5KP8.0A
7.5
7.5
8.0
8.0
8.33 – 10.2
8.33 – 9.21
8.89 – 10.9
8.89 – 9.83
5
5
5
5
14.3
12.9
15.0
13.6
250
250
150
150
350
388
333
367
6.0
6.0
6.0
6.0
5KP8.5
5KP8.5A
5KP9.0
5KP9.0A
8.5
8.5
9.0
9.0
9.44 – 11.5
9.44 – 10.4
10.0 – 12.2
10.0 – 11.1
5
5
5
5
15.9
14.4
16.9
15.4
50
50
20
20
314
347
295
325
7.0
7.0
8.0
8.0
5KP10
5KP10A
5KP11
5KP11A
10
10
11
11
11.1 – 13.6
11.1 – 12.3
12.2 – 14.9
12.2 – 13.5
5
5
5
5
18.8
17.0
20.1
18.2
15
15
10
10
266
294
249
274
9.0
9.0
10
10
5KP12
5KP12A
5KP13
5KP13A
12
12
13
13
13.3 – 16.3
13.3 – 14.7
14.4 – 17.6
14.4 – 15.9
5
5
5
5
22.0
19.9
23.8
21.5
10
10
10
10
227
251
210
232
11
11
12
12
5KP14
5KP14A
5KP15
5KP15A
14
14
15
15
15.6 – 19.1
15.6 – 17.2
16.7 – 20.4
16.7 – 18.5
5
5
5
5
25.8
23.2
26.9
24.4
10
10
10
10
194
215
188
206
13
13
15
15
5KP16
5KP16A
5KP17
5KP17A
16
16
17
17
17.8 – 21.8
17.8 – 19.7
18.9 – 23.1
18.9 – 20.9
5
5
5
5
28.8
26.0
30.5
27.6
10
10
10
10
176
192
164
181
18
16
19
18
5KP18
5KP18A
5KP20
5KP20A
18
18
20
20
20.0 – 24.4
20.0 – 22.1
22.2 – 27.1
22.2 – 24.5
5
5
5
5
32.2
29.2
35.8
32.4
10
10
10
10
155
172
139
154
20
19
24
22
5KP22
5KP22A
5KP24
5KP24A
22
22
24
24
24.4 – 29.8
24.4 – 26.9
26.7 – 32.6
26.7 – 29.5
5
5
5
5
39.4
35.5
43.0
38.9
10
10
10
10
127
141
116
128
27
24
30
27
5KP26
5KP26A
5KP28
5KP28A
26
26
28
28
28.9 – 35.3
28.9 – 31.9
31.1 – 38.0
31.1 – 34.4
5
5
5
5
46.6
42.1
50.1
45.5
10
10
10
10
107
119
99
110
33
29
34
30
5KP30
5KP30A
5KP33
5KP33A
30
30
33
33
33.3 – 40.7
33.3 – 36.8
36.7 – 44.9
36.7 – 40.6
5
5
5
5
53.5
48.4
59.0
53.3
10
10
10
10
93
103
85
94
38
35
41
38
5KP36
5KP36A
5KP40
5KP40A
36
36
40
40
40.0 – 48.9
40.0 – 44.2
44.4 – 54.3
44.4 – 49.1
5
5
5
5
64.3
58.1
71.4
64.5
10
10
10
10
78
86
70
78
45
40
50
45
5KP43
5KP43A
5KP45
5KP45A
43
43
45
45
47.8 – 58.4
47.8 – 52.8
50.0 – 61.1
50.0 – 55.3
5
5
5
5
46.7
69.4
80.3
72.7
10
10
10
10
65
72
62
69
54
49
57
51
5KP48
5KP48A
5KP51
5KP51A
48
48
51
51
53.3 – 65.1
53.3 – 58.9
56.7 – 69.3
56.7 – 62.7
5
5
5
5
85.5
77.4
91.1
82.4
10
10
10
10
58
65
55
61
62
55
65
60
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2002
6-09-2003 REV A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com