Electronic Components Datasheet Search
  English  ▼

X  

STPST5H100SB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPST5H100SB
Description  100 V - 5 A DPAK power Schottky trench rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST5H100SB Datasheet(HTML) 1 Page - STMicroelectronics

  STPST5H100SB Datasheet HTML 1Page - STMicroelectronics STPST5H100SB Datasheet HTML 2Page - STMicroelectronics STPST5H100SB Datasheet HTML 3Page - STMicroelectronics STPST5H100SB Datasheet HTML 4Page - STMicroelectronics STPST5H100SB Datasheet HTML 5Page - STMicroelectronics STPST5H100SB Datasheet HTML 6Page - STMicroelectronics STPST5H100SB Datasheet HTML 7Page - STMicroelectronics STPST5H100SB Datasheet HTML 8Page - STMicroelectronics STPST5H100SB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
ST trench patented process
•
High junction temperature capability
•
Low forward voltage drop
•
Low recovery charges
•
Reduces conduction, reverse and switching losses
•
Avalanche tested
•
ECOPACK2 compliant
Applications
•
DC/DC converter
•
LED lighting
•
Flyback topology
•
Auxiliary power supply
•
Switch mode power supply (SMPS)
Description
This 5 A, 100 V rectifier is based on ST trench technology that achieves the best-in-
class VF/IR trade-off for a given silicon surface.
Integrated in a DPAK package, this STPST5H100SB trench rectifier is intended to
be used in high frequency miniature switched mode power supplies. It is also an
ideal candidate for auxiliary power supply in telecom, server, or smart metering. ST
trench rectifiers are adapted to freewheeling, OR-ring or reverse polarity protection
applications, and can be the perfect companion device to our transistors, drivers, or
ST VIPer products.
A
K
A
A
A
K
DPAK
Product label
Product status link
STPST5H100SB
Product summary
IF(AV)
5 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.550 V
100 V - 5 A DPAK power Schottky trench rectifier
STPST5H100SB
Datasheet
DS14165 - Rev 1 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPST5H100SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST5H100SB STMICROELECTRONICS-STPST5H100SB Datasheet
514Kb / 9P
100 V - 5 A DPAK power Schottky trench rectifier
21-Jul-2023
STPST5H100SB-TR STMICROELECTRONICS-STPST5H100SB-TR Datasheet
514Kb / 9P
100 V - 5 A DPAK power Schottky trench rectifier
21-Jul-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
519Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
21-Jul-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y_V01 Datasheet
519Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
21-Jul-2023
More results

Similar Description - STPST5H100SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPST10H100SB-Y STMICROELECTRONICS-STPST10H100SB-Y Datasheet
395Kb / 9P
Automotive 100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST10H100SB STMICROELECTRONICS-STPST10H100SB Datasheet
391Kb / 9P
100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y Datasheet
409Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB STMICROELECTRONICS-STPST15H100SB Datasheet
405Kb / 9P
100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com