Electronic Components Datasheet Search
  English  ▼

X  

Z0405MH Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z0405MH
Description  4 A - Triac in IPAK package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0405MH Datasheet(HTML) 1 Page - STMicroelectronics

  Z0405MH Datasheet HTML 1Page - STMicroelectronics Z0405MH Datasheet HTML 2Page - STMicroelectronics Z0405MH Datasheet HTML 3Page - STMicroelectronics Z0405MH Datasheet HTML 4Page - STMicroelectronics Z0405MH Datasheet HTML 5Page - STMicroelectronics Z0405MH Datasheet HTML 6Page - STMicroelectronics Z0405MH Datasheet HTML 7Page - STMicroelectronics Z0405MH Datasheet HTML 8Page - STMicroelectronics Z0405MH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
4 A Triac
•
VDRM / VRRM = 600 V and VDSM / VRSM = 750 V
•
125 °C maximum junction temperature Tj
•
IPAK package
•
4 quadrants triacs with IGT = 5 mA
•
Halogen-free molding, lead-free plating
•
ECOPACK2 compliant
Applications
•
Actuators
•
Heating elements
•
Inrush current limiting circuits
Description
The Z0405MH series is 4 A Triac housed in compact through-hole IPAK package.
This 4 quadrants device is suited to home appliances or power tools and industrial
systems and drives loads up to 4 A.
IPAK
A2
A2
A1
G
Product status link
Z0405MH
Product summary
IT(RMS)
4 A
VDSM/VRSM
750 V
IGT
5 mA
Tj max.
125 °C
4 A - Triac in IPAK package
Z0405MH
Datasheet
DS14063 - Rev 1 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - Z0405MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0405MB STMICROELECTRONICS-Z0405MB Datasheet
655Kb / 11P
4 A - Triac in DPAK package
05-Sep-2022
Z0405ME1AA2 STMICROELECTRONICS-Z0405ME1AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0405MF STMICROELECTRONICS-Z0405MF Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
4A TRIACS
logo
Apollo Electron Co., Lt...
Z0405MF APOLLOELECTRON-Z0405MF Datasheet
4Mb / 6P
Sensitive Gate Triac
More results

Similar Description - Z0405MH

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
Triac in a TO-220 Plastic Package
logo
STMicroelectronics
X0402MH STMICROELECTRONICS-X0402MH Datasheet
605Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
X0405MH STMICROELECTRONICS-X0405MH Datasheet
575Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
Z0402MB STMICROELECTRONICS-Z0402MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
Z0402MH STMICROELECTRONICS-Z0402MH Datasheet
564Kb / 10P
4 A - Triac in IPAK package
06-Sep-2022
Z0405MB STMICROELECTRONICS-Z0405MB Datasheet
655Kb / 11P
4 A - Triac in DPAK package
05-Sep-2022
Z0409MB STMICROELECTRONICS-Z0409MB Datasheet
568Kb / 11P
4 A - Triac in DPAK package
05-Sep-2022
Z0409MH STMICROELECTRONICS-Z0409MH Datasheet
567Kb / 10P
4 A - Triac in IPAK package
05-Sep-2022
Z0410MB STMICROELECTRONICS-Z0410MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
Z0410MH STMICROELECTRONICS-Z0410MH Datasheet
570Kb / 10P
4 A - Triac in IPAK package
05-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com