Electronic Components Datasheet Search
  English  ▼

X  

TL594CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL594CD
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL594CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL594CD Datasheet HTML 3Page - Texas Instruments TL594CD Datasheet HTML 4Page - Texas Instruments TL594CD Datasheet HTML 5Page - Texas Instruments TL594CD Datasheet HTML 6Page - Texas Instruments TL594CD Datasheet HTML 7Page - Texas Instruments TL594CD Datasheet HTML 8Page - Texas Instruments TL594CD Datasheet HTML 9Page - Texas Instruments TL594CD Datasheet HTML 10Page - Texas Instruments TL594CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TL594
PULSEWIDTHMODULATION CONTROL CIRCUIT
SLVS052F − APRIL 1988 − REVISED NOVEMBER 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V,
(unless otherwise noted) (continued)
switching characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TL594C, TL594I
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output-voltage rise time
Common-emitter configuration (see Figure 3)
100
200
ns
Output-voltage fall time
Common-emitter configuration (see Figure 3)
30
100
ns
Output-voltage rise time
Emitter-follower configuration (see Figure 4)
200
400
ns
Output-voltage fall time
Emitter-follower configuration (see Figure 4)
45
100
ns
† All typical values, except for parameter changes with temperature, are at TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
+
−
+
−
VI
Vref
FEEDBACK
Amplifier Under Test
Other Amplifier
Figure 1. Amplifier-Characteristics Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com