Electronic Components Datasheet Search
  English  ▼

X  

ICS97U870 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS97U870
Description  i.8V Wide Range Frequency Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS97U870 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS97U870 Datasheet HTML 1Page - Renesas Technology Corp ICS97U870 Datasheet HTML 2Page - Renesas Technology Corp ICS97U870 Datasheet HTML 3Page - Renesas Technology Corp ICS97U870 Datasheet HTML 4Page - Renesas Technology Corp ICS97U870 Datasheet HTML 5Page - Renesas Technology Corp ICS97U870 Datasheet HTML 6Page - Renesas Technology Corp ICS97U870 Datasheet HTML 7Page - Renesas Technology Corp ICS97U870 Datasheet HTML 8Page - Renesas Technology Corp ICS97U870 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ICS97U870
Advance Information
Absolute Maximum Ratings
Supply Voltage (VDDQ & AVDD) ......... -0.5V to 2.5V
Logic Inputs ......................... GND - 0.5V to Vooa+0.5V
Ambient Operating Temperature .......... 0°C to+70°C
StorageTemperature ................... -65°C to+1 50°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.These
ratings arestressspecificationsonly and functionaloperation of the device at these or any otherconditions above those
listed in the operational sections of the specifications is not implied.Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage AVDDQ, VDDQ = 1.8 V+/- 0.1V {unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
Input High Current
l1H
V1 = V000 or GND
(CLK INT, CLK INC)
►
Input Low Current (OE,
l1L
V1 = V000 or GND
OS, FB INT, FB INC)
/
Output Disabled Low
looL
OE = L, VooL = 100mV
Current
-
Operating Supply
1001 .8
CL = 0pf@ 270MHz
Current
looLo
CL = 0pf
Input Clamp Voltage
V1K
Vooa = 1.7V lin = -18mA
High-level output
VoH
loH = -100 µA
voltage
loH = -9 mA
loL= 100 µA
/
/
Low-level output voltage
VoL
loL=9 mA
V
r;�
Input Capacitance1
C1N
VI = GND or Vooa
Output Capacitance1
CouT
VoUT = GND or Vooa
'Guaranteed by design, not 100% tested in production.
�'7
A�
,}s�
0817---07/07/03
�
'
<Y
4
MIN
\v('
vv
100
'>
Vooa - 0.2
1.1
_,, I
,
,
2
2
TYP
,
..
,
_s:_� �'
UJ
1.45
0.25
MAX
UNITS
±250
µA
±10
µA
µA
300
mA
500
µA
-1.2
V
V
V
0.10
V
0.6
V
3
pF
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com