Electronic Components Datasheet Search
  English  ▼

X  

ASMB-587 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-587
Description  LGA 1200 Intel® Xeon® W & 10th Gen. Core™ MicroATX Server Board with 4 x DDR4, 3 x PCIe, 6 x USB 3.2, 5 x SATA3, Quad/Dual LANs, and IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-587 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-587 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-587 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-587
Block Diagram
Block Diagram
Ordering Information
Part Number
Chipset
Memory
Display
LAN
SATAIII
IPMI
ASMB-587G2-00A1
W480E
DDR4 ECC/Non-ECC
VGA + DVI-D + HDMI
2
5
Optional
ASMB-587G4-00A1
W480E
DDR4 ECC/Non-ECC
VGA + DVI-D + HDMI
4
5
Optional
Optional Accessories
Part Number
Description
1960049408N001
LGA 1200 CPU heatsink for 1U chassis
1960067860N001
LGA 1200 CPU cooler for 2U/4U chassis (CPU 125W)
1960052651N021
LGA 1200 CPU cooler for 2U/4U chassis (CPU under 95W)
1960088060T001
1U I/O shield for ASMB-586/587/786/787
1700002204
Dual port USB 2.0 cable (27 cm / 10.6 in) with bracket
1700008461
Four ports USB 2.0 cable (30.5 cm / 12 in) with bracket
1700031926-11
Dual port USB 3.0 cable (30 cm / 11.8 in) with bracket
1701090401
Single port RS-232 cable (40 cm/ 15.7 in) for COM2 connector
1700019268-11
Cable for onboard KBMS1 connector (35 cm/ 13.7 in)
1960063434N000
Cable bracket for 1700019268-11
IPMI-2000-00A1
IPMI Module ( Available in Q2/2021)
PCA-COM232-00A1E
4 x ports RS-232 module connect to LPC connector
PCA-COM485-00A1E
4 x ports RS-422/485 module connect to LPC connector
PCA-TPM-00B1E
TPM 2.0 Module by LPC
Note: Users need to purchase ASMB-587's proprietary CPU cooler from Advantech Other brands' CPU
coolers may NOT be compatible with ASMB-587.
Packing List
Part Number
Description
Quantity
2041058700
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700001788
COM1 cable
x 1
1960088021T001
I/O shield
x 1
1700031926-11
JFP1 cable
x 1
1930005673-11
Screw for M.2 device
x 1
I/O View
ASMB-587G2-00A1
ASMB-587G4-00A1
Intel LGA 1200
Comet Lake-S
Processors
Intel W480E
Comet Lake PCH
Platform Control Hub
Channel A
(ECC) DDR4 2400/2666/2933 Max.32GB
(ECC) DDR4 2400/2666/2933 Max.32GB
(ECC) DDR4 2400/2666/2933 Max.32GB
(ECC) DDR4 2400/2666/2933 Max.32GB
HD Audio
AUDIO ALC892
CPU Power IMVP8
PCIe Gen1 x1
LAN1
GbE LAN1: I219
MDI
RJ45
10/100/1G
Audio
AUDIO Conn.
& SPDIF OUT
PCIe Gen1 x1
GbE LAN4: I210
PCIe Gen1 x1
GbE LAN3: I210
PCIe Gen1 x1
GbE LAN2: I210
LPC Connector
USB 2.0
PCIe Gen2 x1
BMC
Connector
(Optional)
Super I/O
Nuvoton
NCT6776D
LPC BUS
Channel B
PCIe Gen3 x16
PCIe x16 Slot
Slot 6
PCIe Gen3 x4
PCIE Port 1~4
PCIe x4 Slot
Slot 4
PCIe Gen3 x4
PCIE Port 21~24
PCIe x4 Slot
Slot 7
6 Pin Header
1 USB Type A
2 BOX Header
4 Rear Panel
1 Pin Header
CASE OPEN
1 Pin Header
1 BOX Header
Rear Panel
Pin Header
Rear Panel
LAN4
MDI
RJ45
10/100/1G
Rear Panel
LAN3
MDI
RJ45
10/100/1G
Rear Panel
LAN2
MDI
RJ45
10/100/1G
Rear Panel
2 BOX Header
1 Pin Header
5 x FAN
5 Pin Header
H/W Monitor
FAN - CPU0 / SYS0 / SYS1 / SYS2 / SYS3
Voltage - +V12 / +V5 / +V5_SB / +VCORE / +VDDQ / +VBAT
TEMP. - CPU / MB
PCIe Gen3 x4
PCIE Port 9~12
SATA3
6 Gb/s
1 * M.2
22110 / 2280
SATA3
6 Gb/s
PS/2 KB, MS
2 x RS-232
8 bit GPIO Pin Header
Port 80 LED
SPI BUS
SPI BIOS (SKT)
Display Port 1
TMDS
Level Shifter
DVI-D
Display Port 2
TMDS
Converter
HDMI
RGB
Converter
VGA D-Sub
5 x SATA3
USB 2.0
7 x USB2.0
USB 3.1
2 x USB3.2 Gen1
4 x USB3.2 Gen2
Display Port 3
256M-bit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com