Electronic Components Datasheet Search
  English  ▼

X  

BCP68 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # BCP68
Description  20 V, 2 A NPN medium power transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP68 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button BCP68 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCP68 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 8 — 18 October 2011
10 of 23
Nexperia
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
FR4 PCB, single-sided copper, standard footprint
Fig 10. Transient thermal impedance from junction to ambient as a function of pulse duration for SOT1061;
typical values
FR4 PCB, single-sided copper, mounting pad for collector 1 cm2
Fig 11. Transient thermal impedance from junction to ambient as a function of pulse duration for SOT1061;
typical values
006aac683
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.05
0.1
0.2
0.33
0.5
0.75
0.02
0.25
006aac684
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.05
0.1
0.2
0.33
0.5
0.75
0.02
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com