Electronic Components Datasheet Search
  English  ▼

X  

BCP69 Datasheet(PDF) 20 Page - Nexperia B.V. All rights reserved

Part # BCP69
Description  20 V, 2 A NPN medium power transistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP69 Datasheet(HTML) 20 Page - Nexperia B.V. All rights reserved

Back Button BCP69 Datasheet HTML 15Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 17Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 18Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 19Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 20Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 21Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 22Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 23Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 8 — 18 October 2011
20 of 23
Nexperia
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
12. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BCP68_BC868_BC68PA v.8
20111018
Product data sheet
-
BC868 v.7
BCP68 v.4
Modifications:
• The format of this document has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Type number BC68PA added
• Section 1 “Product profile”: updated
• Section 2 “Pinning information”: updated
• Section 3 “Ordering information”: updated
• Section 4 “Marking”: updated
• Section 8 “Test information”: added
• Section 9 “Package outline”: updated
• Section 10 “Packing information”: added
• Section 11 “Soldering”: added
• Table 6, 7 and 8: updated according to latest measurements
• Figure 1, 2, 6, 8, 15 to 18: updated
• Figure 3, 4, 5, 7, 9, 10 to 13: added
BC868 v.7
20041108
Product specification
-
BC868 v.6
BC868 v.6
20031202
Product specification
-
BC868 v.5
BC868 v.5
19990408
Product specification
-
BC868 v.4
BC868 v.4
19980716
Product specification
-
BC868_CNV v.3
BC868_CNV v.3
19970319
Product specification
-
BC868_CNV v.2
BC868_CNV v.2
19970307
Product specification
-
-
BCP68 v.4
20031125
Product specification
-
BCP68 v.3
BCP68 v.3
19990408
Product specification
-
BCP68_CNV v.2
BCP68_CNV v.2
19970409
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com