Electronic Components Datasheet Search
  English  ▼

X  

RGC Datasheet(PDF) 2 Page - TDK Electronics

Part # RGC
Description  300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RGC Datasheet(HTML) 2 Page - TDK Electronics

  RGC Datasheet HTML 1Page - TDK Electronics RGC Datasheet HTML 2Page - TDK Electronics RGC Datasheet HTML 3Page - TDK Electronics RGC Datasheet HTML 4Page - TDK Electronics RGC Datasheet HTML 5Page - TDK Electronics RGC Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RGC Series
2
Specifications
Model
RGC4W300W008A
RGC4W300W012A
Input
Input Voltage Range
Vdc
9 - 53
Input Current (max)
A
25
Standby Input Current
mA
0.25
No Load Input Current
mA
5
Turn-ON Input Voltage
Vdc
9.5
Turn-OFF Input Voltage
Vdc
8.5
Efficiency (typ)
%
93 - 97%
91 - 96%
Safety Certifications and Markings
-
CE, UKCA Mark
Output
Output Voltage Initial Setpoint
%
±2.5
±2.5
Output Voltage Tolerance
%
±4.0
±4.0
Line Regulation
%
0.8
0.8
Load Regulation
%
0.5
0.8
Ripple & Noise(2)
(step-down) mVpp
60
100
(step-up)
300
350
External Load Capacitance
uF
330 - 3000
Switching Frequency
kHz
250
Overcurrent Protection Threshold (typ)
A
15
17
Overtemperature Protection
°C
130 case, shutdown - autorecovery
Output Voltage Adjustment Range
See full specification for output trim equation.
Remote Sense
(+) Sense, compensating up to 5% of output voltage
Remove On/Off
Negative Logic
Frequency Synchronization
See full specifications
Current Monitoring (Imon)
See full specifications
Environmental
Operating Temperature (Tcase)
°C
-40 to 115
Storage Temperature
°C
-55 to 125
Humidity (non condensing)
%RH
10 - 95
Altitude(3)
m
2000
Cooling
-
Conduction Cooling
Shock
-
MIL-STD-810G 516.6 Procedure I & IV
Vibration
MIL-STD-810G 514.6 Procedure I, Cat 10
Thermal Cycling Test (TCT)
Qualified to 700 cycles / -40 to 125°C, 60°C/minute ramp, 30minute dwell time
Other
Weight (max)
g
68.1
Size (LxWxH)
mm
38.1 x 49.5 x 13.0
38.1 x 39.4 x 13.0 (Mounting tab excluded)
Size (LxWxH)
Inches
1.50 x 1.95 x 0.51
1.50 x 1.55 x 0.51 (Mounting tab excluded)
MTBF-TelcordiaSR-332(100%Load,40°C) MHrs
> 10
Warranty
yrs
3
Notes
(1) See website for detailed product specifications.
(2) Measured with one 330 μF electrolytic and one 22 μF ceramic capacitors, BW = 20MHz.
(3) Contact Technical Support for operation at higher altitudes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com