Electronic Components Datasheet Search
  English  ▼

X  

BAT42LS-Q Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT42LS-Q
Description  General-purpose Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT42LS-Q Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT42LS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT42LS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT42LS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT42LS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT42LS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT42LS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT42LS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT42LS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT42LS-Q
General-purpose Schottky diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT42LS-Q
DFN1006BD-2 Leadless ultra small plastic package with side-wettable
flanks (SWF); 2 terminals; 0.65 mm pitch; 1 mm x 0.6 mm
x 0.47 mm body
SOD882BD
7. Marking
Table 4. Marking codes
Type number
Marking code
BAT42LS-Q
8Y
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
40
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 1 ms; δ ≤ 0.25
-
1
A
IFSM
non-repetitive peak
forward current
tp = 8 ms; square wave
-
3
A
[1]
-
335
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
610
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 70 µm copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided, 70 µm copper, tin-plated, mounting pad for cathode 1 cm2.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
in free air
[1] [2] -
-
375
K/W
Rth(j-a)
thermal resistance from
junction to ambient
[3]
-
-
205
K/W
[1] For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses PR are a
significant part of the total power losses.
[2] Device mounted on an FR4 PCB, single-sided, 70 µm copper, tin-plated and standard footprint.
[3] Device mounted on an FR4 PCB, single-sided, 70 µm copper, tin-plated, mounting pad for cathode 1 cm2.
BAT42LS-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
6 April 2022
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com