Electronic Components Datasheet Search
  English  ▼

X  

BAV70T Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAV70T
Description  High-speed switching diodes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV70T Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAV70T Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV70T Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV70T Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV70T Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV70T Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV70T Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV70T Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV70T Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV70T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
BAV70_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 18 March 2015
2 of 16
Nexperia
BAV70 series
High-speed switching diodes
2.
Pinning information
3.
Ordering information
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
BAV70; BAV70T; BAV70W
1
anode (diode 1)
2
anode (diode 2)
3
common cathode
BAV70M
1
anode (diode 1)
2
anode (diode 2)
3
common cathode
BAV70S
1
anode (diode 1)
2
anode (diode 2)
3
common cathode (diode 3
and diode 4)
4
anode (diode 3)
5
anode (diode 4)
6
common cathode (diode 1
and diode 2)
006aaa144
12
3
006aab034
12
3
3
1
2
Transparent
top view
006aab034
12
3
13
2
4
5
6
006aab104
13
6
2
54
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BAV70
-
plastic surface-mounted package; 3 leads
SOT23
BAV70M
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
 0.6  0.5 mm
SOT883
BAV70S
SC-88
plastic surface-mounted package; 6 leads
SOT363
BAV70T
SC-75
plastic surface-mounted package; 3 leads
SOT416
BAV70W
SC-70
plastic surface-mounted package; 3 leads
SOT323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com