Electronic Components Datasheet Search
  English  ▼

X  

ACS03MS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ACS03MS
Description  Radiation Hardened Quad 2-InputNAND Gate with Open Drain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS03MS Datasheet(HTML) 3 Page - Renesas Technology Corp

  ACS03MS Datasheet HTML 1Page - Renesas Technology Corp ACS03MS Datasheet HTML 2Page - Renesas Technology Corp ACS03MS Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ACS03MS
FN3064 Rev 1.00
Page 3 of 3
January 1996
Die Characteristics
DIE DIMENSIONS:
68 mils x 79 mils
1730mm x 2010mm
METALLIZATION:
Type: AlSi
Metal 1 Thickness: 7.125k
Å 1.125kÅ
Metal 2 Thickness: 9k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å 1kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
110
m x 110m
4.3 mils x 4.3 mils
Metallization Mask Layout
ACS03MS
B1
VCC
B4
(12) A4
(11) Y4
(10) B3
(7)
(8)
(9) A3
Y1 (3)
A2 (4)
B2 (5)
Y2 (6)
(14)
Y3
GND
(2)
(13)
A1
(1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com