Electronic Components Datasheet Search
  English  ▼

X  

ACS244MS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ACS244MS
Description  Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS244MS Datasheet(HTML) 1 Page - Renesas Technology Corp

  ACS244MS Datasheet HTML 1Page - Renesas Technology Corp ACS244MS Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN4479 Rev.0.00
Page 1 of 2
March 1998
FN4479
Rev.0.00
March 1998
ACS244MS
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
DATASHEET
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . .<1 x 10-10 Errors/Bit/Day
- SEU LET Threshold. . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. .VIL = (0.3V)(VCC), VIH = (0.7V)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . .
16mA
• Quiescent Supply Current . . . . . . . . . . . . . . . . . . . 20
A
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . . . 9.0ns
Applications
• Databus Driving
• Data Routing
• Redundant Data Control Circuitry
Description
The Radiation Hardened ACS244MS is a Non-Inverting,
Octal, Three-State Buffer/Line Driver with two active-LOW
Enable inputs (AE and BE). Each Enable input controls four
outputs. When an Enable input is LOW, the corresponding
outputs are active. A HIGH on an Enable input causes the
corresponding outputs to be high impedance, regardless of
the input levels.
The ACS244MS is fabricated on a CMOS Silicon on Sap-
phire (SOS) process, which provides an immunity to Single
Event Latch-up and the capability of highly reliable perfor-
mance in any radiation environment. These devices offer
significant power reduction and faster performance when
compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS244 are
contained in SMD 5962-98541.
Ordering Information
Pinouts
ACS244 (SBDIP)
TOP VIEW
ACS244 (FLATPACK)
TOP VIEW
SMD PART NUMBER
INTERSIL PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CASE OUTLINE
5962F9854101VRC
ACS244DMSR-02
-55 to 125
20 Ld SBDIP
CDIP2-T20
N/A
ACS244D/Sample-02
25
20 Ld SBDIP
CDIP2-T20
5962F9854101VXC
ACS244KMSR-02
-55 to 125
20 Ld Flatpack
CDFP4-F20
N/A
ACS244K/Sample-02
25
20 Ld Flatpack
CDFP4-F20
N/A
ACS244HMSR-02
25
Die
N/A
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
AE
AI1
BO4
AI2
BO3
AI3
AI4
BO2
BO1
GND
VCC
AO1
BI4
AO2
BE
BI3
AO3
BI2
AO4
BI1
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
9
10
12
11
AE
AI1
BO4
AI2
BO3
AI3
AI4
BO2
BO1
GND
VCC
AO1
BI4
AO2
BE
BI3
AO3
BI2
AO4
BI1


Similar Part No. - ACS244MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
More results

Similar Description - ACS244MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS240MS INTERSIL-ACS240MS Datasheet
46Kb / 2P
Radiation Hardened Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
ACTS244MS INTERSIL-ACTS244MS Datasheet
47Kb / 3P
Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
HCS241MS INTERSIL-HCS241MS Datasheet
169Kb / 9P
Radiation Hardened Inverting Octal Three-State Buffer/Line Driver
September 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS540MS INTERSIL-HCTS540MS Datasheet
135Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS INTERSIL-HCTS541MS Datasheet
126Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
logo
Renesas Technology Corp
ACTS244MS RENESAS-ACTS244MS Datasheet
211Kb / 3P
Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
HCTS540MS RENESAS-HCTS540MS Datasheet
422Kb / 10P
Radiation Hardened Inverting Octal Buffer/Line Driver, Three-State
September 1995
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com