Electronic Components Datasheet Search
  English  ▼

X  

ACS541MS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ACS541MS
Description  Radiation Hardened Octal Buffer/Line Driver Three-State
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS541MS Datasheet(HTML) 1 Page - Renesas Technology Corp

  ACS541MS Datasheet HTML 1Page - Renesas Technology Corp ACS541MS Datasheet HTML 2Page - Renesas Technology Corp ACS541MS Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FN4085 Rev.0.00
Page 1 of 3
January 1996
FN4085
Rev.0.00
January 1996
ACS541MS
Radiation Hardened Octal Buffer/Line Driver Three-State
DATASHEET
Features
• Devices QML Qualified in Accordance with MIL-PRF-
38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-96710 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/
Bit/Day (Typ)
• SEU LET Threshold>100 MEV-cm2/mg
• Dose Rate Upset>1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability>1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range-55oC to +125oC
• Significant Power Reduction Compared to ALSTTL
Logic
• DC Operating Voltage Range 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current
 1A at VOL, VOH
• Fast Propagation Delay17ns (Max), 12ns (Typ)
Description
The Intersil ACS541MS is a Radiation Hardened Octal Buf-
fer/Line Driver, with three-state outputs. The output enable
pins OE1, OE2 control the Three-State outputs. If either
enable is high the output will be in a high impedance state.
For data output both enables must be low.
The ACS541MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
a radiation hardened, high-speed, CMOS/SOS Logic family.
The ACS541MS is supplied in a 20 lead Ceramic Flatpack
(K suffix) or a Ceramic Dual-In-Line package (D suffix).
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
MIL-STD-1835 DESIGNATOR,
CDIP2-T20, LEAD FINISH C
TOP VIEW
20 LEAD CERAMIC FLATPACK
MIL-STD-1835 DESIGNATOR,
CDFP4-F20, LEAD FINISH C
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE1
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
Y0
Y1
Y2
OE2
Y3
Y4
Y5
Y6
Y7
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
OE1
A0
A1
A2
A3
A4
A5
A6
9
10
12
11
A7
GND
VCC
Y0
Y1
Y2
OE2
Y3
Y4
Y5
Y6
Y7
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962F9671001VRC
-55oC to +125oC
MIL-PRF-38535 Class V
20 Lead SBDIP
5962F9671001VXC
-55oC to +125oC
MIL-PRF-38535 Class V
20 Lead Ceramic Flatpack
ACS541D/Sample
25oC
Sample
20 Lead SBDIP
ACS541K/Sample
25oC
Sample
20 Lead Ceramic Flatpack
ACS541HMSR
25oCDie
Die


Similar Part No. - ACS541MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
More results

Similar Description - ACS541MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244T INTERSIL-HCS244T Datasheet
94Kb / 3P
Radiation Hardened Octal Buffer/Line Driver, Three-State
July 1999
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
5962R9573101VXC INTERSIL-5962R9573101VXC Datasheet
176Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com