Electronic Components Datasheet Search
  English  ▼

X  

ACTS08K Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ACTS08K
Description  Radiation HardenedQuad 2-Input AND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACTS08K Datasheet(HTML) 4 Page - Renesas Technology Corp

  ACTS08K Datasheet HTML 1Page - Renesas Technology Corp ACTS08K Datasheet HTML 2Page - Renesas Technology Corp ACTS08K Datasheet HTML 3Page - Renesas Technology Corp ACTS08K Datasheet HTML 4Page - Renesas Technology Corp ACTS08K Datasheet HTML 5Page - Renesas Technology Corp ACTS08K Datasheet HTML 6Page - Renesas Technology Corp ACTS08K Datasheet HTML 7Page - Renesas Technology Corp ACTS08K Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACTS08MS
FN3994 Rev 0.00
Page 4 of 8
April 1995
TABLE 5. DELTA PARAMETERS (+25oC)
PARAMETER
SYMBOL
(NOTE 1)
DELTA LIMIT
UNITS
Supply Current
ICC
1.0
A
Output Current
IOL/IOH
15
%
NOTE:
1. All delta calculations are referenced to 0 hour readings or pre-life readings.
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test 1 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
Interim Test 2 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test 3 (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
NOTE:
1. Alternate Group A testing may be exercised in accordance with MIL-STD-883, Method 5005.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUP
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. BURN-IN TEST CONNECTIONS (+125oC < TA < 139oC)
OPEN
GROUND
1/2 VCC = 3V
0.5V
VCC = 6V
0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I (Note 1)
-
1, 2, 4, 5, 7, 9, 10,
12, 13
3, 6, 8, 11
14
-
-
STATIC BURN-IN II (Note 1)
-
7
3, 6, 8, 11
1, 2, 4, 5, 9, 10, 12, 13, 14
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 1)
-
7
3, 6, 8, 11
14
1, 2, 4, 5, 9, 10, 12, 13
-
NOTE:
1. Each pin except VCC and GND will have a series resistor of 500
 5%.
TABLE 9. IRRADIATION TEST CONNECTIONS (TA = +25oC,
5oC)
FUNCTION
OPEN
GROUND
VCC = 5V
0.5V
Irradiation Circuit (Note 1)
3, 6, 8, 11
7
1, 2, 4, 5, 9, 10, 11, 12, 13, 14
NOTE:
1. Each pin except VCC and GND will have a series resistor of 47k
 5%. Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com