Electronic Components Datasheet Search
  English  ▼

X  

ADC1207S080 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ADC1207S080
Description  Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ADC1207S080 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ADC1207S080 Datasheet HTML 1Page - Renesas Technology Corp ADC1207S080 Datasheet HTML 2Page - Renesas Technology Corp ADC1207S080 Datasheet HTML 3Page - Renesas Technology Corp ADC1207S080 Datasheet HTML 4Page - Renesas Technology Corp ADC1207S080 Datasheet HTML 5Page - Renesas Technology Corp ADC1207S080 Datasheet HTML 6Page - Renesas Technology Corp ADC1207S080 Datasheet HTML 7Page - Renesas Technology Corp ADC1207S080 Datasheet HTML 8Page - Renesas Technology Corp ADC1207S080 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADC1207S080_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
2 of 20
Integrated Device Technology
ADC1207S080
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
3. Applications
High speed analog to digital conversion for:
Radio transceivers
Wireless infrastructure
Cable modem
Digital storage scope
Fixed telecommunication,
Optical networking
Wireless Local Area Network (WLAN) infrastructure.
General purpose applications
4. Ordering information
Table 1.
Ordering information
Type number
Package
Sampling
frequency
(MHz)
Name
Description
Version
ADC1207S080HW
HTQFP48
plastic thermal enhanced thin quad flat package; 48 leads;
body 7
 7  1 mm; exposed die pad
SOT545-2 80
5. Block diagram
12
12
2
014aaa430
TRACK
AND
HOLD
ADC
CORE
LATCH
LATCH
RESISTOR
LADDERS
CLOCK DRIVER
OUTPUTS
ENABLE
CMADC
REFERENCE
VREF
REFERENCE
ADC1207S080
U/I
front-end
buffer
FSOUT
INN
FSIN
IN
DEL0 to
DEL1
CCS
D0 to D11
OTC
VCCO
IR
DEC
CMADC
CLK
CLKN
CE_N
Fig 1. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com