Electronic Components Datasheet Search
  English  ▼

X  

STM8AF6366TCX Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM8AF6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6366TCX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM8AF6366TCX Datasheet HTML 3Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 4Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 5Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 6Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 7Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 8Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 9Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 10Page - STMicroelectronics STM8AF6366TCX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
DocID031156 Rev 1
7/116
STM8AF6388
List of figures
8
List of figures
Figure 1.
STM8AF6388 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 2.
Flash memory organization of STM8A products. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 3.
LQFP 80-pin pinout. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 4.
LQFP 64-pin pinout. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 5.
LQFP 48-pin pinout. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 6.
STM8AF62xx LQFP/VFQFPN 32-pin pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 7.
STM8AF52x6 VFQFPN32 32-pin pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 8.
Register and memory map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 9.
Pin loading conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 10.
Pin input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 11.
fCPUmax versus VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 12.
External capacitor CEXT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 13.
Typ. IDD(RUN)HSE vs. VDD @fCPU = 16 MHz, peripherals = on . . . . . . . . . . . . . . . . . . . . . . 67
Figure 14.
Typ. IDD(RUN)HSE vs. fCPU @VDD = 5.0 V, peripherals = on . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 15.
Typ. IDD(RUN)HSI vs. VDD @fCPU = 16 MHz, peripherals = off . . . . . . . . . . . . . . . . . . . . . . 67
Figure 16.
Typ. IDD(WFI)HSE vs. VDD @fCPU = 16 MHz, peripherals = on . . . . . . . . . . . . . . . . . . . . . . 67
Figure 17.
Typ. IDD(WFI)HSE vs. fCPU @VDD = 5.0 V, peripherals = on . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 18.
Typ. IDD(WFI)HSI vs. VDD @fCPU = 16 MHz, peripherals = off . . . . . . . . . . . . . . . . . . . . . . 67
Figure 19.
HSE external clock source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 20.
HSE oscillator circuit diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Figure 21.
Typical HSI frequency vs VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Figure 22.
Typical LSI frequency vs VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 23.
Typical VIL and VIH vs VDD @ four temperatures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Figure 24.
Typical pull-up resistance RPU vs VDD @ four temperatures . . . . . . . . . . . . . . . . . . . . . . . 75
Figure 25.
Typical pull-up current Ipu vs VDD @ four temperatures(1) . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 26.
Typ. VOL @ VDD = 3.3 V (standard ports). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 27.
Typ. VOL @ VDD = 5.0 V (standard ports). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 28.
Typ. VOL @ VDD = 3.3 V (true open drain ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 29.
Typ. VOL @ VDD = 5.0 V (true open drain ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 30.
Typ. VOL @ VDD = 3.3 V (high sink ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 31.
Typ. VOL @ VDD = 5.0 V (high sink ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 32.
Typ. VDD - VOH @ VDD = 3.3 V (standard ports). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 33.
Typ. VDD - VOH @ VDD = 5.0 V (standard ports). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 34.
Typ. VDD - VOH @ VDD = 3.3 V (high sink ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 35.
Typ. VDD - VOH @ VDD = 5.0 V (high sink ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 36.
Typical NRST VIL and VIH vs VDD @ four temperatures . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Figure 37.
Typical NRST pull-up resistance RPU vs VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Figure 38.
Typical NRST pull-up current Ipu vs VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Figure 39.
Recommended reset pin protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Figure 40.
SPI timing diagram in slave mode and with CPHA = 0. . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 41.
SPI timing diagram in slave mode and with CPHA = 1. . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 42.
SPI timing diagram - master mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Figure 43.
Typical application with ADC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Figure 44.
ADC accuracy characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Figure 45.
LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat package outline . . . . . . . . . . . . . . . . . 90
Figure 46.
LQFP80 - 80-pin, 14 x 14 mm low-profile quad flat package
recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
Figure 47.
LQFP80 marking example (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com