Electronic Components Datasheet Search
  English  ▼

X  

ST25R3920B Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25R3920B
Description  Automotive NFC reader for CCC digital key and car center console
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25R3920B Datasheet HTML 13Page - STMicroelectronics ST25R3920B Datasheet HTML 14Page - STMicroelectronics ST25R3920B Datasheet HTML 15Page - STMicroelectronics ST25R3920B Datasheet HTML 16Page - STMicroelectronics ST25R3920B Datasheet HTML 17Page - STMicroelectronics ST25R3920B Datasheet HTML 18Page - STMicroelectronics ST25R3920B Datasheet HTML 19Page - STMicroelectronics ST25R3920B Datasheet HTML 20Page - STMicroelectronics ST25R3920B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 158 page
background image
DS13890 Rev 4
17/158
ST25R3920B
Description
157
2.2.7
Quartz crystal oscillator
The quartz crystal oscillator operates with 27.12 MHz crystals. At start-up the
transconductance of the oscillator is increased to achieve a fast start-up. Since the start-up
time varies with crystal type, temperature and other parameters, the oscillator amplitude is
observed and an interrupt is generated when stable oscillator operation is reached.
The oscillator block also provides a clock signal to the external microcontroller (MCU_CLK),
according to the settings in the IO configuration register 1.
2.2.8
Power supply regulators
The integrated power supply regulators ensures a high power supply rejection ratio (PSRR)
for the complete system.
Three voltage regulators, one for the analog block, one for the digital block, and one for the
RF output drivers, are available to decouple noise sources from the ST25R3920B. A fourth
voltage regulator generates the reference voltage for the analog receivers (AGDC, analog
ground).
The RF output driver voltage regulator is configured automatically by the ST25R3920B
based on the systems power supply stability and RF output power (see Section 4.4.10:
Adjust regulators for more details).
2.2.9
POR and bias
This block provides bias currents and reference voltages to all other blocks. It also
incorporates a Power on Reset (POR) circuit that provides a reset at power-up and at low
supply levels.
2.2.10
RC oscillator and Wake-up timer
The ST25R3920B includes several possibilities for low power detection of a card presence
(phase measurement, amplitude measurement). The RC oscillator and the register
configurable Wake-up timer are used to periodically trigger the card presence detection in
the low power card detection modes.
2.2.11
TX encoding
This block encodes the transmit frames according to the selected RF mode and bit rate. The
SOF (start of frame), EOF (end of frame), CRC and parity bits are generated automatically.
The data to transmit are taken from the FIFO.
In Stream mode the framing is bypassed. The FIFO data directly defines the modulation
data sent to the transmitter.
In Transparent mode, the framing and FIFO are bypassed, and the MOSI pin directly drives
the modulation of the transmitter.
2.2.12
RX decoding
This block decodes received frames according to the selected RF mode and bitrate. The
received data is written to the FIFO.
In Stream mode the framing is bypassed. The digitized subcarrier signal is directly stored in
the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com