Electronic Components Datasheet Search
  English  ▼

X  

SM30T19AY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM30T19AY
Description  Automotive 3000 W TVS in SMC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T19AY Datasheet(HTML) 1 Page - STMicroelectronics

  SM30T19AY Datasheet HTML 1Page - STMicroelectronics SM30T19AY Datasheet HTML 2Page - STMicroelectronics SM30T19AY Datasheet HTML 3Page - STMicroelectronics SM30T19AY Datasheet HTML 4Page - STMicroelectronics SM30T19AY Datasheet HTML 5Page - STMicroelectronics SM30T19AY Datasheet HTML 6Page - STMicroelectronics SM30T19AY Datasheet HTML 7Page - STMicroelectronics SM30T19AY Datasheet HTML 8Page - STMicroelectronics SM30T19AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
•
AEC-Q101 qualified
•
Peak pulse power:
–
3000 W (10/1000 μs)
–
up to 40 kW (8/20 μs)
•
Stand-off voltage range from 5 V to 188 V
•
Unidirectional and bidirectional types
•
Low leakage current: 0.2 µA at 25 °C
•
Operating Tj max: 175 °C
•
JEDEC registered package outline
•
Lead finishing: matte tin plating
Complies with the following standards
•
UL94, V0
•
J-STD-020 MSL level 1
•
J-STD-002, JESD 22-B102 E3 and MIL-STD-750, method 2026
•
JESD-201 class 2 whisker test
•
IPC7531 footprint and JEDEC registered package outline
•
IEC 61000-4-4 level 4:
–
4 k V
•
ISO 10605, IEC 61000-4-2, C = 150 pF, R = 330 Ω exceeds level 4:
–
30 kV (air discharge)
–
30 kV (contact discharge)
•
ISO 10605, C = 330 pF, R = 330 Ω exceeds level 4:
–
30 kV (air discharge)
–
30 kV (contact discharge)
•
ISO 7637-2 (not applicable to parts with VRM lower than battery voltage)
–
Pulse 1: VS = -150 V
–
Pulse 2a: VS = +112 V
–
Pulse 3a: VS = -220 V
–
Pulse3b: VS = +150 V
Description
The SM30TY series are designed to protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against electrostatic discharges according to
ISO 10605.
The planar technology makes it compatible with high-end circuits where low leakage
current and high junction temperature are required to provide long-term reliability and
stability.
K
A
Unidirectional
Bidirectional
Product status link
SM30T6.8AY, SM30T6.8CAY,
SM30T7.5AY, SM30T7.5CAY,
SM30T10AY, SM30T10CAY,
SM30T12AY, SM30T12CAY,
SM30T15AY, SM30T15CAY,
SM30T18AY, SM30T18CAY,
SM30T19AY, SM30T19CAY,
SM30T21AY, SM30T21CAY,
SM30T23AY, SM30T23CAY,
SM30T26AY, SM30T26CAY,
SM30T28AY, SM30T28CAY,
SM30T30AY, SM30T30CAY,
SM30T33AY, SM30T33CAY,
SM30T35AY, SM30T35CAY,
SM30T39AY, SM30T39CAY,
SM30T42AY, SM30T42CAY,
SM30T47AY, SM30T47CAY,
SM30T56AY, SM30T56CAY
SM30T68AY, SM30T68CAY
SM30T75AY, SM30T75CAY,
SM30T82AY, SM30T82CAY,
SM30T100AY, SM30T100CAY,
SM30T117AY, SM30T117CAY,
SM30T152AY, SM30T152CAY,
SM30T180AY, SM30T180CAY,
SM30T200AY, SM30T200CAY,
SM30T220AY, SM30T220CAY.
Automotive 3000 W TVS in SMC
SM30TxxAY, SM30TxxCAY
Datasheet
DS8599 - Rev 12 - February 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SM30T19AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T19AY STMICROELECTRONICS-SM30T19AY Datasheet
236Kb / 13P
Automotive 3000 W Transil™
27-Mar-2012
SM30T19AY STMICROELECTRONICS-SM30T19AY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
SM30T19AYCAY STMICROELECTRONICS-SM30T19AYCAY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
More results

Similar Description - SM30T19AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
Automotive 3000 W Transil™
27-Mar-2012
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
3000 W Transil™
28-Jul-2011
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
3000 W Transil
28-Jul-2011
logo
Protek Devices
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
3000 WATT TVS COMPONENT
logo
STMicroelectronics
SMA6T36AY STMICROELECTRONICS-SMA6T36AY Datasheet
644Kb / 13P
Automotive 600 W TVS in SMA
28-Oct-2020
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
SMC30JXXA STMICROELECTRONICS-SMC30JXXA Datasheet
672Kb / 13P
3000 W TVS in SMC
31-Jan-2022
SMC50JXXA STMICROELECTRONICS-SMC50JXXA Datasheet
484Kb / 12P
5000 W TVS in SMC
03-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com