Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CX Datasheet(PDF) 40 Page - STMicroelectronics

Part # VL53L8CX
Description  Low-power high-performance 8x8 multizone Time-of-Flight sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button VL53L8CX Datasheet HTML 34Page - STMicroelectronics VL53L8CX Datasheet HTML 35Page - STMicroelectronics VL53L8CX Datasheet HTML 36Page - STMicroelectronics VL53L8CX Datasheet HTML 37Page - STMicroelectronics VL53L8CX Datasheet HTML 38Page - STMicroelectronics VL53L8CX Datasheet HTML 39Page - STMicroelectronics VL53L8CX Datasheet HTML 40Page - STMicroelectronics VL53L8CX Datasheet HTML 41Page - STMicroelectronics VL53L8CX Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Contents
1
Product overview ..................................................................3
1.1
Technical specifications ......................................................... 3
1.2
Field of view ................................................................... 3
1.3
Field of illumination ............................................................. 4
1.4
System block diagram .......................................................... 5
1.5
Device pinout .................................................................. 5
1.6
Application schematics .......................................................... 7
2
Functional description .............................................................9
2.1
Software interface .............................................................. 9
2.2
Power state machine ........................................................... 9
2.3
Power up sequence ........................................................... 10
3
I²C control interface...............................................................11
3.1
I²C interface - timing characteristics .............................................. 13
4
SPI timing specification...........................................................15
4.1
SPI write messages ........................................................... 16
4.2
SPI read messages............................................................ 17
5
Electrical characteristics..........................................................18
5.1
Absolute maximum ratings...................................................... 18
5.2
Recommended operating conditions ............................................. 18
5.3
Electrostatic discharge (ESD) ................................................... 18
5.4
Current consumption .......................................................... 19
5.5
Digital input and output......................................................... 20
6
Ranging performances ...........................................................21
6.1
Zone mapping ................................................................ 21
6.1.1
Zone mapping 4x4 ...................................................... 21
6.1.2
Zone mapping 8x8 ...................................................... 21
6.1.3
Effective zone orientation ................................................. 22
6.2
Continuous ranging mode ...................................................... 22
6.2.1
Measurement conditions .................................................. 22
6.2.2
Maximum ranging distance 4x4............................................. 23
6.2.3
Maximum ranging distance 8x8............................................. 23
6.2.4
Range accuracy in continuous mode ........................................ 24
6.3
Autonomous ranging mode ..................................................... 25
6.3.1
Measurement conditions .................................................. 25
VL53L8CX
Contents
DS14161 - Rev 2
page 40/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com