Electronic Components Datasheet Search
  English  ▼

X  

SM4T18CAY Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM4T18CAY
Description  Automotive 400 W TVS in SMA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM4T18CAY Datasheet(HTML) 1 Page - STMicroelectronics

  SM4T18CAY Datasheet HTML 1Page - STMicroelectronics SM4T18CAY Datasheet HTML 2Page - STMicroelectronics SM4T18CAY Datasheet HTML 3Page - STMicroelectronics SM4T18CAY Datasheet HTML 4Page - STMicroelectronics SM4T18CAY Datasheet HTML 5Page - STMicroelectronics SM4T18CAY Datasheet HTML 6Page - STMicroelectronics SM4T18CAY Datasheet HTML 7Page - STMicroelectronics SM4T18CAY Datasheet HTML 8Page - STMicroelectronics SM4T18CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
•
AEC-Q101 qualified
•
Peak pulse power:
–
400 W (10/1000 μs)
–
2.3 kW (8/20 μs)
•
Stand-off voltage range from 5 V to 70 V
•
Unidirectional and bidirectional types
•
Low leakage current:
–
0.2 µA at 25 °C
–
1 μA at 85 °C
•
Operating Tj max: 150 °C
•
JEDEC registered package outline
•
Resin meets UL94, V0
Complies with the following standards
•
ISO 10605, C = 150 pF, R = 330 Ω:
–
30 kV (air discharge)
–
30 kV (contact discharge)
•
ISO 10605, C = 330 pF, R = 330 Ω:
–
30 kV (air discharge)
–
30 kV (contact discharge)
•
ISO 7637-2 (not applicable to parts with VRM lower than battery voltage 13.5 V):
–
Pulse 1: VS = -150 V
–
Pulse 2a: VS = +112 V
–
Pulse 3a: VS = -200 V
–
Pulse3b: VS = +150 V
Description
The SM4TY series are designed to protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against electrostatic discharges according to
ISO 10605.
The Planar technology makes it compatible with high-end circuits where low leakage
current and high junction temperature are required to provide long term reliability and
stability. SM4TY devices are packaged in SMA (SMA footprint in accordance with
IPC 7531 standard).
Product status link
SM4T6V7AY, SM4T6V7CAY,
SM4T7V6AY, SM4T7V6CAY,
SM4T10AY, SM4T10CAY,
SM4T12AY, SM4T12CAY,
SM4T14AY, SM4T14CAY,
SM4T15AY, SM4T15CAY,
SM4T18AY, SM4T18CAY,
SM4T21AY, SM4T21CAY,
SM4T23AY, SM4T23CAY,
SM4T26AY, SM4T26CAY,
SM4T28AY, SM4T28CAY,
SM4T30AY, SM4T30CAY,
SM4T33AY, SM4T33CAY,
SM4T35AY, SM4T35CAY,
SM4T39AY, SM4T39CAY,
SM4T47AY, SM4T47CAY,
SM4T50AY, SM4T50CAY,
SM4T56AY, SM4T56CAY,
SM4T68AY, SM4T68CAY,
SM4T82AY, SM4T82CAY
Automotive 400 W TVS in SMA
SM4TxxAY, SM4TxxCAY
Datasheet
DS6927 - Rev 5 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SM4T18CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
More results

Similar Description - SM4T18CAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T33CAY STMICROELECTRONICS-SM4T33CAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SMA6T36AY STMICROELECTRONICS-SMA6T36AY Datasheet
644Kb / 13P
Automotive 600 W TVS in SMA
28-Oct-2020
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA6FXXA STMICROELECTRONICS-SMA6FXXA Datasheet
663Kb / 14P
600 W TVS in SMA Flat
02-Sep-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com