Electronic Components Datasheet Search
  English  ▼

X  

9P960AFLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9P960AFLF
Description  DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9P960AFLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9P960AFLF Datasheet HTML 1Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 2Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 3Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 4Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 5Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 6Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 7Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 8Page - Renesas Technology Corp 9P960AFLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DATASHEET
DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
9P960
IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER
1
9P960
REV A 051811
Recommended Application
Dual DDR zero delay buffer
Features/Benefits
• High performance, low jitter zero delay buffer
• I2C for functional and output control
• Dual bank 1-6 differential clock distribution
• 2 separate feedback in & out for input to output
synchronization for each bank
• Supports up to 4 DDR DIMMs
• Supports up to DDRII - 1066MHz
• Supports up to DDRIII (1.8V core) - 1333MHz
• Output-to-output skew: <100ps
Pin Configuration
Block Diagram
DDRA T0 1
48 FB_OUTA
DDRA C0 2
47 FB_INTA
DDRA T1 3
46 VDD1.8/1.5
DDRA C1 4
45 CLK_INTA _T
DDRA T2 5
44 CLK_INTA _C
DDRA C2 6
43 GND
GND 7
42 DDRAT3
VDD1.8/1.5 8
41 DDRAC3
AGND 9
40 DDRAT4
AVDD1.8 10
39 DDRAC4
SCLK 11
38 DDRAT5
SDATA 12
37 DDRAC5
VDD1.8/1.5 13
36 VDD1.8/1.5
DDRB T0 14
35 GND
DDRB C0 15
34 AVDD1.8
DDRB T1 16
33 AGND
DDRB C1 17
32 GND
DDRB T2 18
31 VDD1.8/1.5
DDRB C2 19
30 DDRBT5
CLK_INTB _T 20
29 DDRBC5
CLK_INTB _C 21
28 DDRBT4
GND 22
27 DDRBC4
FB_INTB 23
26 DDRBT3
FB_OUTB 24
25 DDRBC3
48-SSOP


Similar Part No. - 9P960AFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P936AFLF IDT-9P936AFLF Datasheet
194Kb / 12P
Low Skew Dual Bank DDR I/II Fan-out Buffer
logo
Renesas Technology Corp
9P936AFLF RENESAS-9P936AFLF Datasheet
326Kb / 13P
Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
logo
Integrated Device Techn...
9P936AFLFT IDT-9P936AFLFT Datasheet
194Kb / 12P
Low Skew Dual Bank DDR I/II Fan-out Buffer
logo
Renesas Technology Corp
9P936AFLFT RENESAS-9P936AFLFT Datasheet
326Kb / 13P
Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
More results

Similar Description - 9P960AFLF

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com