Electronic Components Datasheet Search
  English  ▼

X  

9QXL2000C Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 9QXL2000C
Description  20-Output Enhanced DB2000Q
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9QXL2000C Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 9QXL2000C Datasheet HTML 15Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 16Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 17Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 18Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 19Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 20Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 21Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 22Page - Renesas Technology Corp 9QXL2000C Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
R31DS0118EU0101 Rev.1.01
Page 20
Apr 5, 2022
9QXL2000C Datasheet
6. Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas
website. The package information is the most current data available and is subject to change without revision of
this document.
7. Marking Diagram
8. Ordering Information
9. Revision History
Part Number
Package Description
Carrier Type
Temperature Range
9QXL2000CNLGK
10 x 10 mm, 0.50mm pitch 72-VFQFPN
Trays
-40°C to +105°C
9QXL2000CNLGK8
Reel
Revision
Date
Description
1.01
Apr 5, 2022
▪ Inserted Signal Types table and updated Pin Types column in Pin Descriptions with latest
nomenclature.
▪ Corrected footnote on Table 4 to reference 9QXL2000C instead of 9QXL2001C.
▪ Removed reference to ACP for FIN parameter and deleted extra line in Table 3.
▪ Assigned table numbers to SMBus registers.
▪ Corrected Byte 10[3:0] in Table 18 from 3 bits at 100mv/step to 4 bits at 25mV/ step.
1.00
Mar 31, 2022
Initial release.
▪ Lines 2 and 3: part number
• “K” denotes extended temperature range
▪ Line 4:
• “#” denotes the stepping number.
• “YYWW” denotes the last two digits of the year and work-week the
part was assembled.
• “$” denotes the mark code.
▪ “LOT” denotes the lot number.
▪ “COO” denotes country of origin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com