Electronic Components Datasheet Search
  English  ▼

X  

CLRM701 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CLRM701
Description  Mifare® & ICODE contactless reader module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRM701 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CLRM701 Datasheet HTML 7Page - NXP Semiconductors CLRM701 Datasheet HTML 8Page - NXP Semiconductors CLRM701 Datasheet HTML 9Page - NXP Semiconductors CLRM701 Datasheet HTML 10Page - NXP Semiconductors CLRM701 Datasheet HTML 11Page - NXP Semiconductors CLRM701 Datasheet HTML 12Page - NXP Semiconductors CLRM701 Datasheet HTML 13Page - NXP Semiconductors CLRM701 Datasheet HTML 14Page - NXP Semiconductors CLRM701 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
101432
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 24 May 2007
11 of 21
NXP Semiconductors
CLRM701
Mifare® & ICODE contactless reader module
1
DBG
PHD2x8
FE08-2
n.a.
1
IC1
C161U_M
TQFP-100
SAB-C161U-LF V1.3
X
1
IC2
AM29F800B
TSOP48
(A)M29F400B
X
1
IC3
MAX232
SO16
MAX232ECSE
n.a.
1
IC4
TC554161
TSOPII54
SRAM, TC554161AFT-V
n.a.
1
IC5
DSS30655
EMI
EMI filter, DSS30655Y5S102M100
X
1
IC7
MC33465N
SOT-23-5
Reset IC, MC33465N-27atr
X
1
IC9
RC632
SO-32L
CL RC 632
X
1
IDLE
PHD1x6
FE06
n.a.
2
L1, L2
1µH
L_NL322
NL322522T-1R0J, 5%
X
2
L3, L4
470nH
X
3
L5, L6, L7
0
Substitute Resistor 0R
X
2
L8, L10
100nH
X
1
L9
22nH
X
1
OPTION
option
TO220V
optional equipment for part VR1
X
1
Q1
13.56MHz
HC49U-V
SMD-Quarz, HC 49 US SMD, 13,56
MHz SMD or through hole contacts
X
1
QU1
option
HC49U-V
optional for part Q1
X
1
Q2
8MHz
SD3
SMD-Quarz, HC 49 US SMD, 8MHz,
SMD or through hole contacts
X
1
QU2
option
SD3
optional for part Q2
X
1
R1
820
R0805
NPO, 1 %
X
1
R2
560
R0805
NPO, 1 %
X
1
R3
470
R0805
5 %
X
12
R4, R5, R6, R14, R15, R16, R17,
R37, R38, R39, R40, R41
10k
R0805
5 %
X
1
R7
82
R0805
5 %
X
2
R10, R12
27
R0805
1 %
X
1
R11
11k
R0805
2 %
n.a.
1
R13
1k5
R0805
5 %
X
5
R18, R21, R42, R50, R53
0
R0805
X
1
R43
820
R0805
1 %
n.a.
2
S1, S2
Screw
2.5x7 mm tin screw
X
2
S1I, S2I
Isolate
screw isolation foil
X
1
SERIO
PHD1x9
FE09
n.a.
1
T1
BCR108
SOT-23
switching transistor
X
1
VR1
LT1086_SMD DDPAK
voltage regulator 3.3 V SMD
(LT1086CM-3.3) or through hole
contacts (LT1086CT-3.3)
X
Table 4.
Part list CLRM701
Qty
Part
Value
Package
Remarks
CLRM701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com