Electronic Components Datasheet Search
  English  ▼

X  

MA5332MS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # MA5332MS
Description  200W Stereo, Integrated Class D Amplifier
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5332MS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button MA5332MS Datasheet HTML 9Page - Infineon Technologies AG MA5332MS Datasheet HTML 10Page - Infineon Technologies AG MA5332MS Datasheet HTML 11Page - Infineon Technologies AG MA5332MS Datasheet HTML 12Page - Infineon Technologies AG MA5332MS Datasheet HTML 13Page - Infineon Technologies AG MA5332MS Datasheet HTML 14Page - Infineon Technologies AG MA5332MS Datasheet HTML 15Page - Infineon Technologies AG MA5332MS Datasheet HTML 16Page - Infineon Technologies AG MA5332MS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Datasheet
13 of 59
V 2.0
9/24/2021
Integrated Class D Amplifier
MA5332MS
Table of contents
4.4
Audio characteristics (SE)
Table 3
Parameter
Test conditions
Typ
Unit
Po Power output per channel(10)
RL= 6Ω, 10%THD+N, Vbus = ± 40 V
160
W
RL= 4Ω, 10%THD+N, Vbus = ± 36.5 V
200
RL= 3Ω, 10%THD+N, Vbus = ± 31.5 V
190
RL= 2Ω, 10%THD+N, Vbus = ± 23 V
150
RL= 6Ω, 1%THD+N, Vbus = ± 40 V
120
RL= 4Ω, 1%THD+N, Vbus = ± 36.5 V
150
RL= 3Ω, 1%THD+N, Vbus = ± 31.5 V
140
RL= 2Ω, 1%THD+N, Vbus = ± 23V
110
Residual noise(AES-17, IHF-A,
typical)
EVAL_AUDAMP25 , Vbus = ± 36.5 V ,RL= 4Ω
250
uV
Idling supply current
EVAL_AUDAMP25 , Vbus = ± 36.5 V ,RL= 4Ω
+55
mA
-80
Efficiency(11)
EVAL_AUDAMP25, Vbus = ± 36.5 V,
Pout=200W, RL= 4Ω
95
%
Note:
8. Vp changes over temperature at a rate of 50mV/K compared to Tj=25°C.
9. Over-current protection threshold measured under Tj=25°C condition.
10. Tested with heatsink (digikey part number: V8818V)
11. Class D stage only
4.5
Audio characteristics (BTL)
Table 4
Parameter
Test conditions
Typ
Unit
Po Power output per channel(9)
RL= 8Ω, 10%THD+N, Vbus = ± 36.5 V
400
W
RL= 6Ω, 10%THD+N, Vbus = ± 31.5 V
380
RL= 4Ω, 10%THD+N, Vbus = ± 23 V
300
RL= 8Ω, 1%THD+N, Vbus = ± 36.5 V
300
RL= 6Ω, 1%THD+N, Vbus = ± 31.5 V
280
RL= 4Ω, 1%THD+N, Vbus = ± 23V
220
Residual noise(AES-17, IHF-A,
typical)
EVAL_AUDAMP25 , Vbus = ± 36.5 V ,RL= 4Ω
350
uV
Idling supply current
EVAL_AUDAMP25 , Vbus = ± 36.5 V ,RL= 8Ω
+55
mA
-80
Efficiency(10)
EVAL_AUDAMP25 , Vbus = ± 36.5 V ,RL= 8Ω
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com