Electronic Components Datasheet Search
  English  ▼

X  

2330D Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 2330D
Description  Non-Relampable Neon Indicator Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

2330D Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  2330D Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
2330D and 2332D Series Non-Relampable Neon Indicator Light
*Incorporates G2B lamp and resistor
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
Lamp us ed
Green
White
Amber
Red
Lens C olor
C 2A+R esistor
2332D5*
2330D4
2330D3
2330D1
(105-125V AC )
Model No.
Neon
Mounting: Will snap-fit into .032/.100
thick panels. Use speednut for other
panel thicknesses. Available with
speednut SN1963.
Mounting hole pattern on page SP3.
Wire Leads: No.22 AWG (105°C),
4.40/4.80 long, stripped .430/.570
Lens: Polycarbonate
Anode(+): Red lead
Bezel: Polished stainless steel.
For black finish add "X" after the
series letter(s).
1.270
.130
.190
.130 MAX .
.430
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 2330D

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2330D VCC-2330D Datasheet
69Kb / 1P
Non-Relampable Neon Indicator Light
2330D1 VCC-2330D1 Datasheet
69Kb / 1P
Non-Relampable Neon Indicator Light
2330D3 VCC-2330D3 Datasheet
69Kb / 1P
Non-Relampable Neon Indicator Light
2330D4 VCC-2330D4 Datasheet
69Kb / 1P
Non-Relampable Neon Indicator Light
More results

Similar Description - 2330D

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QN CML-1050QN Datasheet
219Kb / 1P
Non-Relampable Neon Indicator Light
2620K CML-2620K Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Light
2620QK CML-2620QK Datasheet
219Kb / 1P
Non-Relampable Neon Indicator Light
3620D CML-3620D Datasheet
221Kb / 1P
Non-Relampable Neon Indicator Light
4700A CML-4700A Datasheet
221Kb / 1P
Non-Relampable Neon Indicator Light
logo
Visual Communications C...
1050QN VCC-1050QN Datasheet
69Kb / 1P
Non-Relampable Neon Indicator Light
2620QK VCC-2620QK Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Light
2620T VCC-2620T Datasheet
63Kb / 1P
Non-Relampable Neon Indicator Light
2620K VCC-2620K Datasheet
62Kb / 1P
Non-Relampable Neon Indicator Light
4700A VCC-4700A Datasheet
61Kb / 1P
Non-Relampable Neon Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com