Electronic Components Datasheet Search
  English  ▼

X  

PCF2131 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # PCF2131
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button PCF2131 Datasheet HTML 54Page - NXP Semiconductors PCF2131 Datasheet HTML 55Page - NXP Semiconductors PCF2131 Datasheet HTML 56Page - NXP Semiconductors PCF2131 Datasheet HTML 57Page - NXP Semiconductors PCF2131 Datasheet HTML 58Page - NXP Semiconductors PCF2131 Datasheet HTML 59Page - NXP Semiconductors PCF2131 Datasheet HTML 60Page - NXP Semiconductors PCF2131 Datasheet HTML 61Page - NXP Semiconductors PCF2131 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
7.18 Safety notes
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe
precautions for handling electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5,
JESD625-A or equivalent standards.
8 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+6.5
V
IDD
supply current
-50
+50
mA
Vi
input voltage
-0.5
+6.5
V
II
input current
-10
+10
mA
VO
output voltage
-0.5
+6.5
V
-10
+10
mA
IO
output current
at pin SDA/CE
-10
+20
mA
VBAT
battery supply voltage
-0.5
+6.5
V
Ptot
total power dissipation
-
300
mW
HBM
[1] -
±2 000
V
VESD
electrostatic discharge
voltage
CDM
[2] -
±500
V
Ilu
latch-up current
[3] -
1 00
mA
Tstg
storage temperature
[4] -55
+85
°C
Tamb
ambient temperature
operating device
-40
+85
°C
Table 88. Limiting values
[1]
Pass level; Human Body Model (HBM) according to AEC Q100-002.
[2]
Pass level (750 V for corner pins); Charged-Device Model (CDM), according to AEC Q100-011.
[3]
Pass level; latch-up testing according to AEC Q100-004 at maximum ambient temperature (Tamb(max)).
[4]
According to the store and transport requirements (see [4]) the devices have to be stored at a temperature of +8 °C to +45 °C and a humidity of 25 % to
75 %.
Note: The PCF2131 part is not guaranteed (nor characterized) above the operating
range as denoted in the data sheet. NXP recommends not to bias the PCF2131 device
during reflow (e.g. if utilizing a 'coin' type battery in the assembly). If customer so
chooses to use this assembly method, there must be the allowance for a full \Q0 V' level
Power supply \Qreset' to re-enable the device. Without a proper POR, the device may
remain in an indeterminate state.
PCF2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.1 — 15 October 2021
58 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com