Electronic Components Datasheet Search
  English  ▼

X  

2110A2 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 2110A2
Description  Neon-Incandescent Indicator Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

2110A2 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  2110A2 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
2110A, 2111A, 2112A, 2113A and 2195A Series Non-Relampable
Neon-Incandescent Indicator Lights
Mounting: Ø.310 MIN., supplied with push-on speednut SN1287.
Wire Leads: No.22 AWG (105°C) 4.40/4.80 long, stripped .430/.570
Lens: Polycarbonate-neon transparent, incandescent-translucent
Bezel: White nylon. For black finish add "X" after the series letter(s).
Housing: White Nylon
* Incorporates G2B lamp and resistor.
** Incorporates T2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
1.480
Black/R ed
C2A+R es is tor
2113A6**
2113A5*
2111A4
2111A3
2111A2
2111A1
(208-250V AC )
Model No.
1.480
Black
C2A+R es is tor
2112A6**
2112A5*
2110A4
2110A3
2110A2
2110A1
(105-125V AC )
Model No.
"A" DIM
Lead C olor
Lamp us ed
Blue
G reen
White
Amber
Clear
Red
Lens C olor
Neon
.740
Yellow
#2162
-
2195A5-12V
2195A4-12V
2195A3-12V
-
2195A1-12V
(12V )
Model No.
.740
Purple
#2187
-
2195A5-28V
2195A4-28V
2195A3-28V
-
2195A1-28V
(28V )
Model No.
Incandes cent
Ø.310 MAX .
DIME NS ION "A"
SEE C HAR T F OR
.190
.340
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 2110A2

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2110A2 VCC-2110A2 Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
More results

Similar Description - 2110A2

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030D CML-1030D Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1050N CML-1050N Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
1050QC CML-1050QC Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2150A CML-2150A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1050QC VCC-1050QC Datasheet
64Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2150A VCC-2150A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com