Electronic Components Datasheet Search
  English  ▼

X  

PCF2100CT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2100CT
Description  LCD drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2100CT Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2100CT Datasheet HTML 1Page - NXP Semiconductors PCF2100CT Datasheet HTML 2Page - NXP Semiconductors PCF2100CT Datasheet HTML 3Page - NXP Semiconductors PCF2100CT Datasheet HTML 4Page - NXP Semiconductors PCF2100CT Datasheet HTML 5Page - NXP Semiconductors PCF2100CT Datasheet HTML 6Page - NXP Semiconductors PCF2100CT Datasheet HTML 7Page - NXP Semiconductors PCF2100CT Datasheet HTML 8Page - NXP Semiconductors PCF2100CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PCF21XXC_FAM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 6 May 2015
2 of 25
NXP Semiconductors
PCF21xxC family
LCD drivers
3.1 Ordering options
4.
Marking
5.
Block diagram
Table 2.
Ordering options
Product type number
Orderable part number Sales item
(12NC)
Delivery form
IC
revision
PCF2100CT/F1
PCF2100CT/F1,112
935195690112
tube
1
PCF2100CT/F1,118
935195690118
tape and reel, 13 inch
1
PCF2111CT/1
PCF2111CT/1,112
935278772112
tube
1
PCF2111CT/1,118
935278772118
tape and reel, 13 inch
1
PCF2112CT/1
PCF2112CT/1,112
935279199112
tube
1
PCF2112CT/1,118
935279199118
tape and reel, 13 inch
1
Table 3.
Marking codes
Type number
Marking code
PCF2100CT
PCF2100CT
PCF2111CT
PCF2111CT
PCF2112CT
PCF2112CT
Fig 1.
Block diagram; PCF2100C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com