Electronic Components Datasheet Search
  English  ▼

X  

TCA07F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TCA07F
Description  Integrated Miniaturized Antenna for 433 MHz ISM Band Wireless RF Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TCA07F Datasheet(HTML) 2 Page - NXP Semiconductors

  TCA07F Datasheet HTML 1Page - NXP Semiconductors TCA07F Datasheet HTML 2Page - NXP Semiconductors TCA07F Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Layout Guide (unit:mm)
TriCOME
www.tricome.com
2/3
A
7mm
B
30mm
C
3.1mm
D
0.4mm
E
0.4mm
F
1.4x1.4mm
G
1.4x1.4mm
Ver 3.2 9/13/2000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com