Electronic Components Datasheet Search
  English  ▼

X  

2900A Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 2900A
Description  Non-Relampable Neon Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

2900A Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  2900A Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
2900A Series Non-Relampable Neon Light
Mounting: Ø.310 MIN. hole in panels .020/.062 thick,
use speednut #SN1287 f or other panel thickness.
Wire Leads: No.22AWG (105°C), 6"long, stripped 1/2"
Lens: Tinted Transparent Polycarbonate
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
Lamp us ed
Yellow
Amber
Clear
Red
Lens C olor
A9A+ Res is tor
2900A7
2900A3
2900A2
2900A1
(105-125V AC )
Model No.
Neon
.190
1.320
Ø.300
TY P.
SNAPF I T
Ø.350
6.25/5.94
.500
(105ßC)
LE ADS 22 AWG
BLAC K W I R E
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 2900A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2900 3M-2900 Datasheet
216Kb / 4P
Card Connector microSD - Normal Polarization, Push-Push, Surfacemount
31-Oct-2006
logo
Amphenol Corporation
2900 AMPHENOL-2900 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
NXP Semiconductors
2900 NXP-2900 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
logo
Coto Technology
2900 COTO-2900 Datasheet
504Kb / 2P
2900 SERIES REED RELAYS
logo
KR Electronics, Inc.
2900 KR-2900 Datasheet
35Kb / 2P
100 MHz Center Frequency
More results

Similar Description - 2900A

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QN CML-1050QN Datasheet
219Kb / 1P
Non-Relampable Neon Indicator Light
2330D CML-2330D Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Light
2620K CML-2620K Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Light
2620QK CML-2620QK Datasheet
219Kb / 1P
Non-Relampable Neon Indicator Light
4700A CML-4700A Datasheet
221Kb / 1P
Non-Relampable Neon Indicator Light
logo
Visual Communications C...
1050QN VCC-1050QN Datasheet
69Kb / 1P
Non-Relampable Neon Indicator Light
2620QK VCC-2620QK Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Light
2620T VCC-2620T Datasheet
63Kb / 1P
Non-Relampable Neon Indicator Light
2620K VCC-2620K Datasheet
62Kb / 1P
Non-Relampable Neon Indicator Light
4700A VCC-4700A Datasheet
61Kb / 1P
Non-Relampable Neon Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com