Electronic Components Datasheet Search
  English  ▼

X  

3062 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 3062
Description  Relampable Incandescent Indicator Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

3062 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  3062 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
3062 Series Relampable Incandescent Indicator Light
Ordering Information:
For use with T-2 slide base (short) lamps.
Complete assembly consists of socket (3062),
lamp and lens (see chart below).
Items supplied unassembled. Lamp lens and socket
must be ordered separately.
Mounting: Ø.500 hole, supplied with push-on
speednut SN0461
Mounting hole pattern on page SP2.
Lens: Polycarbonate, snap-on
Body: Black Nylon
Terminals: Nickel plated brass
All dimensions
in inches.
3113
3112
3111
Round Lens No.
Amber
Clear
Red
Color
Lens C olor T able
3123
3114
White
3124
3122
3121
3117
3116
3115
Yellow
Blue
Green
3127
3126
3125
Square Lens No.
MAX .
Ø.500
Ø.710
UNDE R F LANG E
.465
.280
.770
.470
.710 S Q.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 3062

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3062 ETC2-3062 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Visual Communications C...
3062 VCC-3062 Datasheet
65Kb / 1P
Relampable Incandescent Indicator Light
logo
KR Electronics, Inc.
3062 KR-3062 Datasheet
62Kb / 3P
250 MHz Bandpass Filter
logo
Heyco.
3062 HEYCO-3062 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Adafruit Industries
3062 ADAFRUIT-3062 Datasheet
88Kb / 1P
Pi Model B / Pi 2 / Pi 3 - Case Base and Faceplate Pack - Clear - for 2.8" PiTFT
More results

Similar Description - 3062

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2195QA CML-2195QA Datasheet
229Kb / 1P
Non-Relampable Incandescent Indicator Lights
2990D CML-2990D Datasheet
219Kb / 1P
Non-Relampable Incandescent Indicator Lights
2990P CML-2990P Datasheet
221Kb / 1P
Non-Relampable Incandescent Indicator Lights
logo
Visual Communications C...
1050C VCC-1050C Datasheet
70Kb / 1P
Non-Relampable Incandescent Indicator Lights
1090QA VCC-1090QA Datasheet
63Kb / 1P
Non-Relampable Incandescent Indicator Lights
2195QA VCC-2195QA Datasheet
62Kb / 1P
Non-Relampable Incandescent Indicator Lights
2802 VCC-2802 Datasheet
115Kb / 1P
Relampable Incandescent Indicator Light
2803 VCC-2803 Datasheet
115Kb / 1P
Relampable Incandescent Indicator Light
3062 VCC-3062 Datasheet
65Kb / 1P
Relampable Incandescent Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com