Electronic Components Datasheet Search
  English  ▼

X  

4300F7LC Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 4300F7LC
Description  T-1 Solid State LED Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

4300F7LC Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  4300F7LC Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
4300FLC Series T-1 Solid State LED Lamps
E L E C T R O - O P T I CAL C HARAC TERISTICS A ND R A T INGS
1.8
1.6
7
-55 to +100
-55 to +100
36
583
-
1.0
2.5
1.9
2
Y ellow
Y ellow
4300F 7LC
7
-55 to +100
-20 to +100
24
565
-
1.0
2.2
1.8
2
Green
Green
4300F 5LC
4300F 1LC
Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
S torage T emperature (
°C)
P eak F orward C urrent Max. (1
µs@ 10% duty cycle) (mA)
Diffus ion
V iewing Angle (degrees)
Red
Red
2
1.8
2.0
1.0
1.8
-
635
24
-55 to +100
-55 to +100
7
Diffus ed
Diffus ed
Revers e V oltage (IR=100
µA) (V)
55
5
Luminous Intens ity Max. (mcd)
Power Dissipation (mW)
Operating T emperature (
°C)
Lead S older T ime @ 260
°C
55
5
50
50
50
CAT HODE
SQ. NOM.
.018
NOM.
.100
.115
±.010
NOM.
.050
MIN.
.950
.235
±.015
NOM.
.040
.175
±.010
.125
±.010
All dimens ions in inches .
Features:
T-1 Brite LEDs
• Requires only 2 mA.
• Ideal for limited-current power supplies.
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 4300F7LC

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4300F7LC VCC-4300F7LC Datasheet
86Kb / 1P
T-1 Solid State LED Lamps
More results

Similar Description - 4300F7LC

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
T-1 (3mm) SOLID STATE LAMPS
MV6461 QT-MV6461 Datasheet
203Kb / 2P
BICOLOR T-1 SOLID STATE LAMPS
logo
Kingbright Corporation
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
T-1 3MM SOLID STATE LAMPS
L934HD KINGBRIGHT-L934HD Datasheet
210Kb / 7P
T-1 (3mm)SOLID STATE LAMPS
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
T-1(3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L7104GD KINGBRIGHT-L7104GD Datasheet
187Kb / 6P
T-1 (3mm)SOLID STATE LAMPS
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
T-1 (3mm) SOLID STATE LAMPS
logo
Visual Communications C...
4300FLC VCC-4300FLC Datasheet
86Kb / 1P
T-1 Solid State LED Lamps
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
T-1 (3mm) Solid State LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com