Electronic Components Datasheet Search
  English  ▼

X  

4303F Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 4303F
Description  Solid State LED Lamps-Super BriteT- 1 (3mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

4303F Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  4303F Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
4303F Series Solid State LED Lamps-Super Brite T - 1 (3mm)
EL ECTRO-OPTIC A L C H A R A CTERISTICS A N D R A TINGS
10.0
10.0
7.0
1.0
120
90
585
3.0
6.3
3.0
2.1
10
Yellow
Yellow
4303F 7
.09
120
90
562
3.0
16.0
3.0
2.2
10
G reen
G reen
4303F 5
.5
135
60
603
3.0
3.0
3.0
2.2
10
Amber
Amber
4303F 3
4303F 1
Diffus ed
PAR T NUMB E R
Output C olor
P ackage C olor
Tes t C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
Peak F orward C urrent @ 1Ms-300 PPS (A)
Diffus ion
Viewing Angle 20 1/2 (degrees)
Red
Red
10
2.0
3.0
3.6
10.0
3.0
650
90
120
1.0
Diffus ed
Diffus ed
Diffus ed
Revers e V oltage (IR=100
µA) (V)
55
5
5
Luminous Intens ity Max. (mcd)
Power Dissipation (mW)
All dimens ions
in mm.
MIN.
24.00
CAT HODE
6.25
1.40
TY P .
0.51 S Q.
Ø3.10
±0.20
Ø3.30
±0.30
0.60
4.70
±0.30
0.80
MAX.
1.00
6.10
±0.30
1.30
±1.00
2.50
T-1 Super Brite LEDs
• High intensity light output
• Diffused lens
• Wide viewing angle - 90°
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack, NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 4303F

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4303F1 VCC-4303F1 Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4303F3 VCC-4303F3 Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4303F5 VCC-4303F5 Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4303F7 VCC-4303F7 Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
More results

Similar Description - 4303F

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
T-1 (3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L934HD KINGBRIGHT-L934HD Datasheet
210Kb / 7P
T-1 (3mm)SOLID STATE LAMPS
logo
Chicago Miniature Lamp,...
4318F1 CML-4318F1 Datasheet
26Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Kingbright Corporation
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
T-1(3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L7104GD KINGBRIGHT-L7104GD Datasheet
187Kb / 6P
T-1 (3mm)SOLID STATE LAMPS
logo
Visual Communications C...
4301F1-5 VCC-4301F1-5 Datasheet
57Kb / 1P
Solid State LED Lamps Bi-Color Super Brite T-1 (3mm)
4303F VCC-4303F Datasheet
73Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
4318 VCC-4318 Datasheet
77Kb / 1P
Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
T-1 (3mm) Solid State LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com