Electronic Components Datasheet Search
  English  ▼

X  

BCP69 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCP69
Description  20 V, 2 A PNP medium power transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP69 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCP69 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP69 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
Product profile
1.1 General description
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
[1]
Valid for all available selection groups.
1.2 Features and benefits
 High current
 Three current gain selections
 High power dissipation capability
 Exposed heatsink for excellent thermal and electrical conductivity (SOT89, SOT1061)
 Leadless very small SMD plastic package with medium power capability (SOT1061)
 AEC-Q101 qualified
1.3 Applications
1.4 Quick reference data
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
Rev. 7 — 12 October 2011
Product data sheet
Table 1.
Product overview
Type number[1]
Package
NPN complement
Nexperia
JEITA
JEDEC
BCP69
SOT223
SC-73
-
BCP68
BC869
SOT89
SC-62
TO-243
BC868
BC69PA
SOT1061
-
-
BC68PA
 Linear voltage regulators
 Power management
 High-side switches
 MOSFET drivers
 Battery-driven devices
 Amplifiers
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
20
V
IC
collector current
-
-
2A
ICM
peak collector current
single pulse; tp  1ms
-
-
3A


Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
More results

Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC69PA NXP-BC69PA Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BCP69 PHILIPS-BCP69_15 Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BCP68 PHILIPS-BCP68_15 Datasheet
1Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
20 V, 2 A NPN medium power transistors
BC69PAS NEXPERIA-BC69PAS Datasheet
1,022Kb / 16P
20 V, 2 A PNP medium power transistors
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BC69PAS_SER NEXPERIA-BC69PAS_SER Datasheet
3Mb / 15P
20 V, 2 A PNP medium power transistors
Rev. 1 - 19 June 2015
BC868-Q_SER NEXPERIA-BC868-Q_SER Datasheet
235Kb / 12P
20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com