Electronic Components Datasheet Search
  English  ▼

X  

BC69PA Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC69PA
Description  20 V, 2 A PNP medium power transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC69PA Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC69PA Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC69PA Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC69PA Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC69PA Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC69PA Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC69PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC69PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC69PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC69PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© Nexperia B.V. 2017. All rights reserved
BCP69_BC869_BC69PA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 7 — 12 October 2011
2 of 24
Nexperia
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
[1]
Pulse test: tp  300 s;  = 0.02.
2.
Pinning information
hFE
DC current gain
VCE = 1V;
IC = 500 mA
[1] 85
-
375
hFE selection -16
VCE = 1V;
IC = 500 mA
[1] 100
-
250
hFE selection -25
VCE = 1V;
IC = 500 mA
[1] 160
-
375
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
SOT223
1base
2
collector
3emitter
4
collector
SOT89
1emitter
2
collector
3base
SOT1061
1base
2emitter
3
collector
13
2
4
sym028
2, 4
3
1
321
006aaa231
2
1
3
Transparent top view
12
3
sym013
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com